PART |
Description |
Maker |
HCPL0500 HCPL0501 HCPL0530 HCPL0531 HCPL0534 HCPL0 |
Single channel high speed transistor optocoupler. HIGH SPEED TRANSISTOR OPTOCOUPLERS 8-Pin SOIC Single-Channel High Speed Transistor 8-PIN, Output Optocoupler - No Base Connection 8-Pin SOIC Single-Channel High Speed Transistor Output Optocoupler SO8, 1MBIT/S HI SPEED DUAL CHANNEL TRANSISTOR - 1kV/us SO8, 1MBIT/S HI SPEED DUAL CHANNEL TRANSISTOR - 15kV/us 8-Pin SOIC 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler
|
FAIRCHILD[Fairchild Semiconductor]
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|
MAX97609 MAXIMINTEGRATEDPRODUCTSINC-MAX976EUA-T |
Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
|
Maxim Integrated Products
|
29W040 M29W040 M29W040-120K5TR M29W040-100K5TR M29 |
4 Mbit 512Kb x8 / Uniform Block Low Voltage Single Supply Flash Memory Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-SOIC Dual Low-Noise High-Speed Precision Operational Amplifier 8-SOIC High Speed High Drive Precision Operational Amplifier 8-CDIP -55 to 125 Excalibur Low-Noise High-Speed Precision Dual Operational Amplifier 8-SOIC High Speed High Drive Precision Dual Operational Amplifier 8-CDIP -55 to 125 ; Capacitance:180pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:300V; Package/Case:1210; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount High Speed High Drive Precision Dual Operational Amplifier 20-LCCC -55 to 125 4兆位512KB的8,统一座低电压单电源闪 CAP RF 2.0PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory 4兆位512KB的8,统一座低电压单电源闪 CAP RF 27PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 1.8PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 24PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 22PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 High Speed High Drive Precision Dual Operational Amplifier 8-SOIC CAP RF 1.0PF 250V 0603 SMD Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 0 to 70 Dual Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 512K X 8 FLASH 3V PROM, 150 ns, PQCC32 512K X 8 FLASH 3V PROM, 200 ns, PDSO32 512K X 8 FLASH 3V PROM, 120 ns, PQCC32
|
意法半导 STMicroelectronics N.V.
|
IDT7007L55G IDT7007L55GB IDT7007L55GI IDT7007L15J |
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM LCD BACKLIGHT INVERTER DRIVE IC; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel High Side Gate Driver; Package: SOIC; No of Pins: 8; Container: Rail ER 19C 19#12 PIN RECP ER 3C 3#16S PIN RECP THRMO ER 6C 6#16S SKT RECP 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 35 ns, PQFP80 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQFP80
|
Integrated Device Techn... Integrated Device Technology, Inc. http://
|
FOD050LR2V FOD050LV FOD250LTV FOD250LS FOD250LV FO |
SO-8 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER SO-8 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: SOIC-W; No of Pins: 8; Container: Box 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER 8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: DIP-W; No of Pins: 8; Container: Bulk 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
UPC4742 UPC4742C UPC4742G2 |
SINGLE SUPPLY VOLTAGE/ HIGH SPEED/ WIDE BAND/ DUAL OPERATIONAL AMPLIFIERS SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
|
NEC[NEC]
|
AD53522 |
High Speed, Dual DCL (Driver/Comparator/Load) In A Single Chip Solution
|
Analog Devices
|
AS1742G-T AS1743G AS1741G-T AS1743H-T |
High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
|
ams AG
|
AS1743 AS1741 ASJM AS1741G AS1741G-T AS1741H-T AS1 |
High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
|
AMSCO[austriamicrosystems AG]
|