PART |
Description |
Maker |
CS8190EDWF20 CS8190EDWFR20 CS8190ENF16 CS8190 |
Precision Air-Core Tach/Speedo Driver with Return to Zero 精密空心塔克/ Speedo泳衣与归零程
|
ZF Electronics, Corp. CHERRY[Cherry Semiconductor Corporation]
|
CS4121 CS4121EDWF20 CS4121EDWFR20 CS4121ENF16 |
Low Voltage Precision Air-Core Low Voltage Precision Air-Core Low Voltage Precision Air-Core Tach/Speedo Driver
|
http:// CHERRY[Cherry Semiconductor Corporation]
|
MM74HCT240 MM74HCT240MTC MM74HCT240N MM74HCT240SJ |
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer From old datasheet system Precision Air-Core Tach/Speedo Driver with Return to Zero; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
0908SQ-25NGSC 0908SQ-25NGSD 0908SQ-8N1GSB 0908SQ-8 |
1 ELEMENT, 0.025 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0081 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0215 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.023 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0147 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
1606-6GLB 0906-3JLC 0906-4GLC 1606-6JLC 1606-8GLB |
RF inductor, air core, 2% tol, SMT, RoHS 1 ELEMENT, 0.0056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD RF inductor, air core, 5/10% tol, SMT, RoHS 1 ELEMENT, 0.00255 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD RF inductor, air core, 2% tol, SMT, RoHS 1 ELEMENT, 0.00385 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD RF inductor, air core, 5% tol, SMT, RoHS 1 ELEMENT, 0.0056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
0906-5-L 1606-7-L 1606-10-L 1606-9-L 1606-6-L 1606 |
Micro Spring垄芒 Air Core Inductors Micro Spring Air Core Inductors Micro Spring?/a> Air Core Inductors
|
Coilcraft lnc.
|
AE360RAS8N9GSN AE360RAS8N9JSN AE360RAS8N9JSC AE360 |
1 ELEMENT, 0.0089 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0157 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
COILCRAFT INC
|
5526-9 5526-1 5526-10 5526-11 5526-12 5526-2 5526- |
Air Core Inductors
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC]
|
5526-1 5526-10 5526-11 5526-12 5526-2 5526-3 5526- |
Air Core Inductors
|
API Delevan
|
IC805C680R-K0 IC1206B122R-K0 IH603E2D7R-C0 IH603E1 |
1 ELEMENT, 0.068 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 120 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0027 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0018 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 270 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
LAIRD TECHNOLOGIES
|
|