PART |
Description |
Maker |
BCM4317 |
AirForce One Single-Chip 802.11b Transceiver
|
Broadcom
|
BCM4318EKFBG |
AirForce One?Chip 802.11g MAC/Baseband/Radio
|
Cypress Semiconductor
|
BCM94318E |
AirForce One Single-Chip 802.11g Transceiver Reference Design with BroadRange Technology
|
Broadcom
|
BCM94326 BCM4326 |
AirForce One SINGLE-CHIP IEEE 802.11b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU 空军一个单芯片电机及电子学工程师联合会支持802.11b / g MAC /基频/收音机集成CPU
|
Broadcom, Corp. Broadcom Corp.
|
AT76C505 |
AT76C505 single-chip MAC and Baseband with low power ARM7TDMI?RISC processor, Full-speed (12 Mbps) USB Interface, On-chip Boot-ROM, integrated 6K x 32-bit Internal SRAM, 128- CABGA Package, 3.3V operation, Integrated 802.11b baseband proc 802.11b Media Access Controller (MAC) and Baseband with USB Interface
|
ATMEL[ATMEL Corporation]
|
ISL38601M-CD ISL38601M-EVAL |
ISL38601M PRISM GT miniPCI IEEE 802.11g, 802.11b WLAN NIC ISL38601M PRISM GT miniPCI IEEE 802.11g/ 802.11b WLAN NIC 5015 RR 2#16S PIN RECP ISL38601M棱镜燃气轮机⑩的miniPCI IEEE 802.11g的,802.11b无线局域网网卡 ISL38601M PRISM GTminiPCI IEEE 802.11g, 802.11b WLAN NIC ISL38601M棱镜燃气轮机⑩的miniPCI IEEE 802.11g的,802.11b无线局域网网卡
|
Intersil Corporation Intersil, Corp.
|
SJ104079 |
REFER TO TABLE2 ABOUT RCOMMENDED FPC COMPOSITION
|
Japan Aviation Electronics Industry, Ltd.
|
STM32W108CCU75TR STM32W108CZU75TR STM32W108CCU74TR |
High-performance, IEEE 802.15.4 wireless system-on-chip with 256-Kbyte Flash, QFN48 High-performance, IEEE 802.15.4 wireless system-on-chip with 192-Kbyte Flash, QFN48
|
ST Microelectronics
|
ATWINC1500-14 |
Single Chip IEEE 802.11 b/g/n Network Controller SOC
|
ATMEL Corporation
|
RT3052 |
802.11n Wireless Single Chip AP/Router SoC
|
Ralink Technology
|
EM351 EM351-RTB EM351-RTR EM357 EM357-RTB EM357-RT |
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
|
List of Unclassifed Manufacturers
|
BCM43362 BCM43362KUBG |
Single-Chip IEEE 802.11?b/g/n MAC/Baseband/Radio
|
Cypress Semiconductor
|