PART |
Description |
Maker |
AHA4541 AHA4541A-PQC AHA4541A-PQI |
311 MBITS/SEC TURBO PRODUCT CODE ENCODER/DECODER
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
TDAT12622-BA23 M-TDAT162G52-3BAL2 TDAT161G2-BA23 T |
MARS?2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface MARS?2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
|
Agere Systems
|
CA16B2FNN CA16 CA16A2CAA CA16A2CNN CA16A2FAA CA16A |
CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
|
AGERE[Agere Systems]
|
TDAT162G52-BA23 M-TDAT162G52-3BAL2 TDAT12622-BA23 |
MARS㈢2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
|
AGERE[Agere Systems]
|
UPSD3423E-40U6T UPSD3433E-40T6T UPSD3423E-40T6T UP |
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 High Speed CMOS Logic Non-Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
MCP606-I/P MCP606-I/SN MCP606-I/ST MCP609-I/P MCP6 |
The MCP606 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP609 quad operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... The MCP608 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP607 dual operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... 2.5V TO 5.5V MICROPOWER CMOS OP AMPS
|
Microchip Technology Inc.
|
AHA4524A-031PTC AHA4524 AHA4524A-031PTI |
TURBO PRODUCT CODE ENCODER/DECODER
|
List of Unclassifed Manufacturers ETC
|
CDRM622 |
622 Mbits/s Multichannel Digital Timing Recovery(622M多通道数字定时恢复) 622 Mbits /秒多通道数字定时恢复22M秒多通道数字定时恢复
|
Lineage Power, Corp.
|
SPS-33100-CXX0G SPS-33100B-CXX0G |
3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER 3.3 /波分复用/ 155 Mbps的立法会SFP单模收发
|
Optoway Technology Inc. Optoway Technology, Inc.
|
TRS-3050AG TRS-3050G |
5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver 5V 1310海里/ 155 Mbps的符合RoHS光单模收发器
|
Optoway Technology, Inc. Optoway Technology Inc.
|