PART |
Description |
Maker |
474PPR262KH 682PPR102KE 223PPR102KE 103PPR102KE 33 |
Small Size Polypropylene Film Capacitors for High Pulse Current Applications
|
Illinois Capacitor, Inc...
|
430P106X9100 430P394X9600 430P394X9400 430P394X920 |
Metalized Polyester Film Capacitors Wrap-and-Fill 金属化聚酯薄膜电容器总结和充 DC-DC Converter, 1Watt, Input VDC: 24, Output VDC: 24, Max Output Current(A): 0.042, Package: SIP4, Isolation(VDC): 3000, Operating Temp. -40C to 85C, Low Ripple & Noise, High Efficiency up to 80%, Low Profile Plastic Case, Single Output CAP .012UF 16V PPS FILM 1206 5% Metalized Polyester Film Capacitors Wrap-and-Fill
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] http://
|
B32237J2253M000 B32237B2103M000 B32237B6102M000 B3 |
Film Capacitors Metallized Polyester Film Capacitors (MKT) Metallized polyester film capacitors (MKT) High voltage (wound)
|
EPCOS http://
|
B32671Z6473 B32672Z6473 B32672Z6474 B32673Z6474 B3 |
Film Capacitors Metallized Polyester Film Capacitors (MKT)
|
EPCOS http://
|
B32794D8125 B32796G8106 B32796G3166 B32796G3206 B3 |
Film Capacitors Metallized Polyester Film Capacitors (MKT)
|
EPCOS http://
|
TIP-N-RING |
Multilayer Ceramic Chip Capacitors, Ideal for Telephone Line (Tip `N Ring) Filtering, Replaces High Voltage, Leaded, Film Capacitors, Rated for Telecommunications Voltages, Low ESR, Wide Ban
|
Vishay
|
B32573A3105 B32573A3155 B32573A3225 B32573A3684 B3 |
Film Capacitors Metallized Polyester Film Capacitors
|
EPCOS
|
TS09 |
High Voltage Metallized Polypropylene Film Capacitors
|
Suntan Capacitors
|
935C2W3K-F 935H1W3K-F 935C4W3K-F 935C1W3K-F 935C1W |
High Current Capacitors for Switching Power Supplies Polypropylene Capacitors for High Frequency Filtering
|
Cornell Dubilier Electr...
|
HTC0603 HTC0603-1E-R30-J HTC0603-1E-R30-J-L5 HTC06 |
HTC series, high-precision, thin-film chip capacitors.
|
List of Unclassifed Manufacturers ETC
|