PART |
Description |
Maker |
Z8F0423HH005EC Z8F0423HH005SC Z8F0413SH005EC Z8F04 |
IC ENCORE MCU FLASH 4K 20SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 20SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 28SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 20DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP20 IC ENCORE MCU FLASH 2K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 8K 28-SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
V48B5E48BS2 V24B12E24B V24B12E24B1 V24B12E24B2 V24 |
IC ENCORE XP MCU FLASH 8K 20SOIC IC ENCORE XP MCU FLASH 8K 28SOIC T-SENSOR IC, DOUT TO92T-SENSOR IC, DOUT TO92; Temp, op. min:-50(degree C); Temp, op. max:150(degree C); Pins, No. of:3; Case style:TO-92; Base number:206; Voltage, supply max:6V FasTrak Mini E-Grade Family FasTrak车辆迷你E级系
|
VICOR[Vicor Corporation] Vicor, Corp.
|
1N5820 1N5822 1N5821 |
IC ENCORE XP MCU FLASH 8K 20SSOP SCHOTTKY BARRIER RECTIFIER
|
GOOD-ARK[GOOD-ARK Electronics]
|
1N5819 1N5817 1N5818 |
IC ENCORE XP MCU FLASH 4K 28SOIC 1安培肖特基电 200伏特,电一点?安 MDSTBV 2,5/ 3-G-5,08 1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere
|
Surge Components, Inc. SURGE[Surge Components]
|
ZUSBOPTSC01ZAC Z8FMC04100 Z8FMC04100AKEG Z8FMC0410 |
Z8 Encore!-R Motor Control Flash MCUs
|
ZILOG[Zilog, Inc.]
|
AM79571-2JC AM79573-1PC AM79573-2JC AM79573-2DC AM |
24MHZ, PLCC, COM TEMP(MCU 5X) 24MHZ, TQFP, IND TEMP(MCU 5X) 8051 MCU 32K FLASH 4.0-5.5V,44 TQFP GRN(MCU 5X) 24MHZ, PDIP, COM TEMP(MCU 5X) 用户线接口电 CAN C51 64KFLASH PLCC52 CANBOOT GREEN 用户线接口电 Subscriber Line Interface Circuit 用户线接口电
|
Advanced Micro Devices, Inc. Souriau Connection Technology Analog Devices, Inc.
|
C8051F302 C8051F301 C8051F300 C8051F303 |
25 MIPS,8k Flash,256 Ram,8bit ADC,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,8ADC,11 MCU) 25 MIPS的,8K闪存56公羊位ADC1引脚微控制器5 MIPS的,8K的闪速存储器56公羊位ADC1脚微控制器) 25 MIPS,8k Flash,256 Ram,2% Osc,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,2% Osc,11 MCU) 25 MIPS的,8K闪存56 RAM个%振荡1引脚微控制器5 MIPS的,8K的闪速存储器56,羊%的振荡1脚微控制器) 25 MIPS,8k Flash,256 Ram,8bit ADC,2% Osc,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,8ADC,2% Osc,11 MCU) 25 MIPS的,8K闪存56公羊位ADC%的振荡1引脚微控制器5 MIPS的,8K的闪速存储器56公羊位ADC%的振荡1脚微控制器) 25 MIPS,8k Flash,256 Ram,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,11 MCU) 25 MIPS的,8K闪存56,羊1引脚微控制器5 MIPS的,8K的闪速存储器56,羊1脚微控制器)
|
Connex See Service, Inc.
|
CY7C63723C |
enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller(enCoRe USB结合低速USB和PS/2外设控制 的enCoRe USB的组合低速USB和PS / 2外设控制器(的enCoRe的USB结合低速的USB和的PS / 2外设控制器)
|
Cypress Semiconductor Corp.
|
AM7968-175PC AM7969-175PC AM7968-125PC AM7969-125P |
8051 MCU, 4K FLASH 24MHZ, SOIC, IND, GRN(MCU 5X) Transmitter 发射 Receiver 接收
|
Amphenol, Corp.
|
HT66F30 HT66F20 HT66F40 HT66F50 HT66F60 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|
|