PART |
Description |
Maker |
103P104X0200S 103P104X0200T 103P105X0200S 103P105X |
Circular Connector; No. of Contacts:11; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-11 金属外壳电容器纸,薄铝箔0安培得来速通,微型 Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature 金属外壳电容器纸,薄铝箔0安培得来速通,微型 71-146518-11P 金属外壳电容器纸,薄铝箔0安培得来速通,微型 TERM BLOCK PLUG 5.08MM 4POS PCB Paper Capacitors Metal Case/ Film/Foil/ 10 Ampere Thru-Pass/ Subminiature
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
IMX7 110IMX7-03-9 110IMX7-05-05-9 110IMX7-05-9 110 |
7 Watt DC-DC Converters GT 3C 3#16S PIN PLUG Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:1uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:No; Package/Case:C; Peak Reflow Compatible (260 C):No RoHS Compliant: No Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.64mm; Leaded Process Compatible:Yes; Package/Case:A; Series:T; Termination:Screw RoHS Compliant: Yes Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.64mm; Leaded Process Compatible:No; Package/Case:A; Peak Reflow Compatible (260 C):No RoHS Compliant: No CAPACITOR, TANTALUM, 10/20V 10%, 6032, SMD Paper Capacitor; Voltage Rating:5000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:No; Package/Case:C; Peak Reflow Compatible (260 C):No RoHS Compliant: No AC/DC CAPACITANCE=0.25 VOLT=2000 RoHS Compliant: Yes Paper Capacitor; Voltage Rating:2000VDC; Capacitor Dielectric Material:Paper; Capacitance:5uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:Yes; Package/Case:D; Series:T; Termination:Screw RoHS Compliant: Yes CAPACITORS
|
http:// POWER-ONE[Power-One]
|
OTBG805KNPIR-F OTBK705KNPIR-F OTBH205KNPIR-F OTBL1 |
DC/AC Dual Rated Capacitors Protected, High Voltage, Paper-Film/Foil Capacitors for AC & DC Applications
|
Cornell Dubilier Electronics http:// Cornell Dubilier Electronic...
|
HP3-000-B HP3-000-CB HP3-000-U HP3-T03-33B HP3-T03 |
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
|
CTS[CTS Corporation]
|
LB66B2 LB66B2-67B LB66B2-67CB LB66B2-67U LB66B2-76 |
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
|
http:// CTS Corporation
|
LAIC66A1U LAD66A1U LA000A1U |
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
|
CTS Corporation
|
T10W1NR-F T20W1NR-F T25W1NR-F T30W1NR-F T6W1NR-F T |
High Voltage Paper-Film/Foil Capacitors
|
Cornell Dubilier Electronics http://
|
TH3D106K035A0500 TH3D106K035A10R0 TH3D106K035B0500 |
Solid Tantalum Surface Mount Capacitors Tantamount㈢ Molded Case, High Temperature Solid Tantalum Surface Mount Capacitors Tantamount? Molded Case, High Temperature Solid Tantalum Surface Mount Capacitors Tantamount庐 Molded Case, High Temperature Solid Tantalum Surface Mount Capacitors Tantamount垄莽 Molded Case, High Temperature
|
Vishay Siliconix
|
BP1101-9RW BP2001-9RW BP1001-9RW |
1-OUTPUT 125 W DC-DC REG PWR SUPPLY MODULE METAL, CASE P01, MODULE 2-OUTPUT DC-DC REG PWR SUPPLY MODULE METAL, CASE P01, MODULE 1-OUTPUT 152 W DC-DC REG PWR SUPPLY MODULE METAL, CASE P01, MODULE
|
Power-One, Inc.
|
TXH TXH120-124 TXH120-148 TXH240-124 TXH240-112 TX |
Metal Case Power Supplies
|
TRACO Electronic AG
|
GRM1555C1H180JA01D GRM1555C1H180JA01W GRM1555C1H18 |
180mm Paper taping 10000 330mm Paper taping 50000
|
Murata Manufacturing Co., Ltd.
|
LKP5660-6PDDT LKP5660-6PDDTB1 LKP5660-6EPD5 LKP566 |
2-OUTPUT 250 W AC-DC PWR FACTOR CORR MODULE HEAT SINK, METAL, CASE K02, MODULE 2-OUTPUT 250 W AC-DC PWR FACTOR CORR MODULE METAL, CASE K02, MODULE
|
Power-One, Inc. OSRAM GmbH POWER-ONE INC
|