PART |
Description |
Maker |
WF8M32-XG4DX5 WF8M32-150G4DC5 WF8M32-120G4DI5 WF8M |
100ns; 5V power supply; 8M x 32 flash module 120ns; 5V power supply; 8M x 32 flash module 150ns; 5V power supply; 8M x 32 flash module 8M X 32 FLASH 5V PROM MODULE, 150 ns, CQFP68 40 MM, DUAL CAVITY, CERAMIC, QFP-68 8Mx32 5V Flash Module(8Mx32 5V闪速存储器模块) Flash MCP
|
Glenair, Inc. White Electronic Designs Corporation
|
WF128K64-XG4WX5 WF128K64-XG4W5 WF128K64-120G4WI5 W |
90ns; 5V power supply; 128K x 64 flash module 150ns; 5V power supply; 128K x 64 flash module 128Kx64 5V Flash Module(128Kx64,5V闪速存储器模块) Flash MCP 120ns; 5V power supply; 128K x 64 flash module
|
White Electronic Designs Corporation
|
M39208-10WNA6T M39208-12WNA1T M39208-12WNB6T M3920 |
256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 256K X 8 FLASH 2.7V PROM, 150 ns, PDSO32 256K X 8 FLASH 2.7V PROM, 100 ns, PDSO32 RECTIFIER SCHOTTKY DUAL 5A 40V 110A-Ifsm 0.5Vf 0.2A-IR PowerDI-5 5K/REEL 单芯2 Mbit闪存4千位并行EEPROM存储 Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory 单芯2 Mbit闪存4千位并行EEPROM存储 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER SCHOTTKY SINGLE 10A 40V 275A-Ifsm 0.51Vf 0.7A-IR PowerDI-5 5K/REEL RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 DIODE, SCHOTTKY, 40V, 10A, POWER DI 5 RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13
|
NUMONYX STMicroelectronics N.V. ST Microelectronics 意法半导
|
ASM809TEUR-T ASM810TEUR ASM810SEUR ASM810REUR ASM8 |
4.00 V, 3 pin microcontroller power supply supervisor 4 V, 3 pin microcontroller power supply supervisor 2.93 V, 3 pin microcontroller power supply supervisor 3.08 V, 3 pin microcontroller power supply supervisor 2.63 V, 3 pin microcontroller power supply supervisor 4.38 V, 3 pin microcontroller power supply supervisor 4.63 V, 3 pin microcontroller power supply supervisor 3 Pin Microcontroller Power Supply Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Low Power CPU Supervisors
|
Alliance Semiconductor, Corp. ALSC Alliance Semiconductor Corporation Alliance Semiconductor Corp...
|
AT29LV040A-15JC AT29LV040A-15TI AT29LV040A-15TUT/R |
150NS, PLCC, COM TEMP(FLASH) 512K X 8 FLASH 3V PROM, 150 ns, PQCC32 150NS, TSOP, IND TEMP(FLASH) 512K X 8 FLASH 3V PROM, 150 ns, PDSO32
|
Atmel, Corp. ATMEL CORP
|
N-150NS |
Cell Type N-150NS
|
Sanyo Electric Co.,Ltd.
|
MAX6878ETG-T |
Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors 2-CHANNEL POWER SUPPLY SUPPORT CKT, QCC24
|
Maxim Integrated Products, Inc.
|
ADM709SAN ADM709TAN ADM709TAR ADM709MARZ-REEL ADM7 |
Power Supply Monitor with Resst Power Supply Monitor with Reset; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Power Supply Monitor with Reset; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Power Supply Monitor with Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
ANALOG DEVICES INC Analog Devices, Inc.
|
S8VS-09024 S8VS-06024 S8VS-06024A S8VS-09024B S8VS |
Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
|
OMRON[Omron Electronics LLC]
|
TC54 TC54VC6802EMB713 TC54VC4901ECB713 TC54VN2601E |
The TC54 Series are CMOS voltage detectors, suited especially for battery-powered applications because of their extremely low 1uA operating current and small surface-mount packaging. Each part is laser trimmed to the desired threshold volt 1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Microchip
|