PART |
Description |
Maker |
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
UPB1502GR UPB1502GR1 UPB1502GR1-E1 UPB1502GR-E1 |
1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129 1.7千兆 2.0 GHz的低功耗双分频DIVIDED-BY-64/65,一百二十九分之一百二十八 1.7 GHz/ 2.0 GHz Low-Power Two-Modulus Prescaler(1.7GHz 2.0GHz 定标
|
NEC, Corp. NEC Corp.
|
RFSP2020 PRFS-P2020-005 PRFS-P2020-006 PRFS-P2020- |
The RFS P2020 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... Single-band power amplifiers 2.4-2.5 GHz Power Amplifier
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
SST13LP05-MLCF |
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
|
SILICON STORAGE TECHNOLOGY INC
|
TPT-13-6016 |
Temperature Compensated Power Amplifier 6 GHz - 13 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
TPT-18-6019 TPT-18-6018 |
Temperature Compensated Power Amplifier 6 GHz - 18 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
SST13LP02 SST13LP02-QDF-K SST13LP02-QDF |
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
|
SST[Silicon Storage Technology, Inc]
|
TPT-18-6036 |
Temperature Compensated Power Amplifier 6 GHz - 18 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|