PART |
Description |
Maker |
MC68HC705B16N MC68HC705B5 68HC05B MC68HC05 MC68HC0 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
|
MOTOROLA[Motorola, Inc]
|
68HC705SR3 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
|
Motorola, Inc.
|
MC68HC11G5 MC68HC11G7 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit
|
Freescale Semiconductor, Inc
|
MC68HC05X16 MC68HC705X32 |
(MC68HCx05Xxx) High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
|
Motorola
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
ATV2500H ATV2500H-25DC ATV2500H-25DI ATV2500H-25DM |
120 OHM 1% 1/8 W High-Density UV-Erasable Programmable Logic Device UV PLD, 35 ns, CDIP40 High-Density UV-Erasable Programmable Logic Device OT PLD, 35 ns, PQCC44 High-Density UV-Erasable Programmable Logic Device UV PLD, 35 ns, CQCC44 High-Density UV-Erasable Programmable Logic Device OT PLD, 30 ns, PDIP40 High-Density UV-Erasable Programmable Logic Device UV PLD, 30 ns, CQCC44
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
HDSOLDERCUP HDVERTICAL 780-M26-113R051 780-MYY-113 |
MALE-HIGH DENSITY MALE-HIGH DENSITY-MACHINED CONTACTS-VERTICAL
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
ISPLSI2032A-110LT48I ISPLSI2032A-135LJI ISPLSI2032 |
In-System Programmable High Density PLD EE PLD, 8 ns, PQFP44 In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件 In-System Programmable High Density PLD EE PLD, 10 ns, PQCC44 In-System Programmable High Density PLD EE PLD, 10 ns, PQFP48 In-System Programmable High Density PLD EE PLD, 7.5 ns, PQFP44
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
DK50-1.0 DK50-1.0M DK44-1.0 DK44-1.0M DK60-1.0 DK6 |
1.0mm High Density FLEX (300V, 105隆?C) 1.0mm High Density FLEX (300V, 105掳C) 1.0mm High Density FLEX (300V, 105°C)
|
Yamaichi Electronics Co., Ltd. http://
|