PART |
Description |
Maker |
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
CAT28F020_04 CAT28F020 CAT28F020G-12T CAT28F020G-9 |
256K X 8 FLASH 12V PROM, 90 ns, PQCC32 2 Megabit CMOS Flash Memory Bulk Erase Flash Memory, 2Mb
|
http:// CATALYST[Catalyst Semiconductor]
|
AM29F016 AM29F016-90 AM29F016-75 AM29F016-75FIB AM |
LM330 3-Terminal Positive Regulator; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail 16-Megabit097152*8-bit)CMOS 5.0 Volt-only,sector Erase Flash memory LM32 Dual Thermal Diode Temperature Sensor with SensorPath™ Bus; ; Qty per Container: 1 LM3310 Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch; Package: LLP; No of Pins: 24; Qty per Container: 4500; Container: Reel 16兆位097152 × 8位)CMOS 5.0伏只,扇区擦除闪 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO44 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 150 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. SPANSION LLC
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
AM29LV008BB70REIB AM29LV008BT70REIB AM29LV008BB-80 |
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 HDWR ENDCAP RIGHT FOR SER 3U BLK 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. http://
|
CAT28F512 CAT28F512TRI-12T CAT28F512TRI-15T CAT28F |
120ns 512K-bit CMOS flash memory 90ns 512K-bit CMOS flash memory 150ns 512K-bit CMOS flash memory 512K-Bit CMOS Flash Memory
|
Catalyst Semiconductor http://
|
AM29LV081B AM29LV081B-120EC AM29LV081B-120ECB AM29 |
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory Gate Driver; Package: PG-DSO-8; RthJA (max): -; 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory 8兆位米8位)的CMOS 3.0伏特,只有扇区擦除闪 CORECONTROL™ Gate Driver 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory 8兆位1米8位)的CMOS 3.0伏特,只有扇区擦除闪
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV641GH35EI AM29LV641GL35EI AM29LV641GH55EI AM |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OControl 64兆位个M x 16位)的CMOS 3.0伏特,只有统一闪存部门与VersatileI /输出⑩控 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OControl 4M X 16 FLASH 3V PROM, 70 ns, PBGA63 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
|
Advanced Micro Devices, Inc.
|
AM29LV160DB-90WCC AM29LV160DB-70WCC AM29LV160DT-70 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 29LV160BB 16MBIT FLASH 3V TSOP-48 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 120 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 120 ns, PBGA48 IC SM FLASH 1MX16 120NS 3.3V 1M X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|