PART |
Description |
Maker |
BAR81W Q62702-A1270 |
Silicon RF Switching Diode Preliminary data (Design for use in shunt configuration High shunt signal isolation Low shunt insertion loss) SILICON, PIN DIODE From old datasheet system
|
SIEMENS A G SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
S5M1119 |
0.5A Positive Low Dropout Fixed-Mode Regulato r With EN Function
|
SeCoS Halbleitertechnologie GmbH
|
S5J1118 |
1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
|
SeCoS Halbleitertechnologie GmbH
|
UPC1943 UPC1943T UPC1944 UPC1944GR UPC1944J UPC194 |
High-precision variable shunt type stabilized power supply ADJUSTABLE PRECISION SHUNT REGULATORS
|
NEC[NEC]
|
KA431S KA431SA KA431SAMF KA431SAMF2 KA431SL KA431S |
Adjustable/2.5V, 2% Tolerance Shunt Regulator Programmable Shunt Regulator
|
Fairchild Semiconductor
|
HA17L432UP HA17431FPA HA17431PA HA17431PNA HA17431 |
High-Precision Variable Shunt Regulators Shunt Regurators
|
HITACHI[Hitachi Semiconductor]
|
OA2AA2720-R01 OA2A2720-R01 OA2AA2720-R010 OA2A2720 |
OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001Ω to 0.15Ω, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001惟 to 0.15惟, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001楼? to 0.15楼?, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001ヘ to 0.15ヘ, 1 WATT to 5 WATT
|
RCD COMPONENTS INC.
|
AS7C331MPFD32A-36A_V1.1 AS7C331MPFD36A-200TQIN AS7 |
LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 36 STANDARD SRAM, 3.1 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 1M X 36 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 1M x 32/36 pipelined burst synchronous SRAM 1M X 32 STANDARD SRAM, 3.8 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 LM4041 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
NJU7021 NJU7021D NJU7021M NJU7021V NJU7022 NJU7022 |
OP-AMP, 10000 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO8 4.096-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-SOT-23 -40 to 85 3-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-TO-92 -40 to 85 LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
TL431 TL431ACD TL431ACLP TL431CLP TL431CP TL431CD |
Programmable Shunt Regulator Adjustable/2.5V, 1% Tolerance Shunt Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
A-7859-2561 7859-2561N 15-29-1026 0015291026 |
2.54mm (.100) Pitch C-Grid? Shunt Terminal Housings, (30μ) Gold (Au), 2 Circuits, with Pin Stop 2.54mm (.100") Pitch C-Grid庐 Shunt Terminal Housings, (30渭") Gold (Au), 2 Circuits, with Pin Stop 2.54mm (.100") Pitch C-Grid垄莽 Shunt Terminal Housings, (30楼矛") Gold (Au), 2 Circuits, with Pin Stop
|
Molex Electronics Ltd.
|