PART |
Description |
Maker |
EPF10K130E |
Embedded Programmable Logic Family(FLEX10KE宓??寮??缂???昏?绯诲?)
|
Altera Corporation
|
QL5064-33BPB456C QL5064-33APB456C QL5064-33APB484C |
66MHz/64-bit PCI master/target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
QL5232 |
33 MHz/32-bit PCI Master/Target with Embedded Programmable Logic and dual Port SRAM
|
quicklogic
|
QL5232-33APQ208C QL5232-33APQ208I QL5232-33APQ208M |
33MHz/32-bit PCI master/target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
MAX7000 MAX7000S EPM7128E EPM7128S EPM7256E EPM725 |
Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 10ns MAX 7000 Programmable Logic Device Family
|
ATERA Altera Corporation
|
EPM7128A EPM7512AE EPM7128AETC144-7 EPM7512AEBC256 |
Programmable Logic , 512 Macrocells, 32 Logic Array Blocks, 176 I/o Pins, 10ns Programmable Logic , 256 Macrocells, 16 Logic Array Blocks, 120 I/o Pins, 10ns Programmable Logic Device
|
ALTERA[Altera Corporation]
|
M4-192/96-12VI M4LV-256/128-12AC M4LV-128N/64-10JI |
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC44 EE PLD, 14 ns, PQCC44 PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP44 EE PLD, 14 ns, PBGA256 BGA-256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP100
|
Lattice Semiconductor, Corp.
|
ATF750LVC ATF750LVC-15JC ATF750LVC-15JI ATF750LVC- |
High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDSO24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDIP24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PQCC28 PS2 TO SUN MD8 FLASH CABL 高速复杂可编程逻辑器件 From old datasheet system
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
ATV750B ATV750B-10DM_883 ATV750B-10JC ATV750B-10JI |
JOYSTICK SWITCH, 5A; Current, contact rating:5A; Angle:12(degree); Centres, fixing:36mm; Contact style:double throw; Series:1000; Termination method:Solder Tab; Voltage, contact AC:250V RoHS Compliant: Yes Paper, 25 meter roll, 58mm wide, front feed (FTP-622, 624, 627, 628, 629) UV PLD, 15 ns, CDIP24 Paper, 25 meter roll, 80mm wide, front feed (FTP-632, 634, 637, 638, 639) UV PLD, 15 ns, CQCC28 High-Speed UV-Erasable Programmable Logic Device OT PLD, 7.5 ns, PDIP24 Paper, 12 meter roll, 58mm wide (FTP-628WSL) OT PLD, 10 ns, PDSO24 High-Speed UV-Erasable Programmable Logic Device OT PLD, 25 ns, PDSO24 High-speed UV-erasable programmable logic device,83MHz High-speed UV-erasable programmable logic device,58MHz High-speed UV-erasable programmable logic device,92MHz
|
http:// ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
PA7024 PA7024J-15 PA7024J-20 PA7024JI-25 PA7024JN- |
20ns programmable electrically erasable logic array 15ns programmable electrically erasable logic array Programmable Electrically Erasable Logic Array 电可擦除可编程逻辑阵列
|
ICT Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http://
|
|