PART |
Description |
Maker |
FZT491 FZT491A |
NPN Low Sat Transistor NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Style:Wall Mount Receptacle; Insert Arrangement:18-11
|
Zetex Semiconductors Diodes Incorporated
|
FMMTL618 FMMTL618TA FMMTL618-15 |
NPN Low Sat Transistor SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1250 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Diodes Incorporated ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
2N2222A |
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR 800 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AA HIGH SPEED MEDIUM POWER / NPN SWITCHING TRANSISTOR
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
SG2824J_DESC SG28XXL_883B JAN2801J JAN2802J JAN280 |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS Driver - Medium Current Array; Package: LCC; 0.6 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: DIP; 0.6 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: DIP; 0.5 A, 95 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: LCC; 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR
|
Microsemi, Corp. http:// Microsemi Corporation
|
AMF-5B-040080-15-25P AMF-4B-040080-15-25P AMF-6B-0 |
4000 MHz - 8000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 12000 MHz - 18000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 20000 MHz - 30000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 100 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 8000 MHz - 18000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 500 MHz - 2000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 27500 MHz - 31000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 10 MHz - 2000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 2000 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 2000 MHz - 8000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 10 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 1000 MHz - 2000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER 100 MHz - 6000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 37000 MHz - 41000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
MITEQ, Inc. MITEQ INC
|
STX817 |
PNP MEDIUM POWER TRANSISTOR NPN MEDIUM POWER TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FZT3019 |
NPN Medium Power Transistor NPN General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
2SC5752 2SC5752-T1 2SC5752NE67818 |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | NPN | 6V V(BR)CEO | 100MA I(C) | TSOP NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
|
NEC
|
2N930CSM |
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED/ MEDIUM POWER/ NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS Supercapacitor; Capacitance:0.68F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Central Semiconductor Corp SEME-LAB[Seme LAB] TT electronics Semelab Limited
|