PART |
Description |
Maker |
BBY39 BBY39_1 BBY39/T1 |
CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller UHF variable capacitance diode(UHF 可变电容双二极管) UHF variable capacitance double diode From old datasheet system
|
Philips Semiconductors Philipss NXP Semiconductors
|
RFPIC12C509 RFPIC12C509AF RFPIC12C509AG |
18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter 18/20-Pin 8-Bit CMOS Microcontroller
with UHF ASK/FSK Transmitter From old datasheet system
|
Microchip Technology
|
ATA8742 ATA8742-PXQW |
Microcontroller with UHF ASK/FSK Transmitter
|
ATMEL Corporation
|
T48C862M-R3 T48C862M-R3-TNQ T48C862-R3 DOC4554 |
From old datasheet system Microcontroller with UHF ASK/FSK Transmitter
|
ATMEL[ATMEL Corporation]
|
ATAM862-4 |
Microcontroller with UHF ASK/FSK Transmitter at 434 MHz, 4 KB Flash, 3 Timer, SSI, 11 I/O Lines, 64 Byte EEPROM, VDD = ...
|
Atmel
|
ATAM862X-TNSJ4 ATAM862X-TNQJ4 |
Microcontroller with UHF ASK/FSK transmitter. Program memory 4 kB flash. Data-EEPROM 2 x 512 bit. RF frequency range 433 MHz. x-hardware revision.
|
Atmel
|
UTV005P |
UHF TV 470-860 MHz, Class A, Common Emitter; fO (MHz): 860; P(out) (W): 0.5; Gain (dB): 10; Vcc (V): 20; ICQ (A): 0.22; IMD Type (dB): -60; Case Style: 55FU-2 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.5 Watts, 20 Volts, Class A UHF Television - Band IV & V
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
BB504C |
Bias Controlled Monolithic IC UHF RF Amplifier Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
|
Hitachi Semiconductor
|
2SC5488A |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR VHF to UHF Wide-Band Low-Noise Amplifier Applications
|
Sanyo Semicon Device
|
2SC4245 |
Transistor Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications VHF~UHF Band RF Amplifier Applications
|
TOSHIBA
|