PART |
Description |
Maker |
KO3404 |
VDS (V) = 30V ID =5.8 A (VGS=10V) RDS(ON) 28 m (VGS = 10V)
|
TY Semiconductor Co., Ltd
|
SI4825DY |
P-Channel 30-V (D-S) MOSFET P-Channel 30-V (D-S) MOSFET VDS = -30V; VGS = ± 25V
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
KI4558DY |
PIN Configuration Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
KX7N10L |
VDS (V) = 100V RDS(ON) 350m (VGS = 10V), ID=0.85A RDS(ON) 380m (VGS = 5V), ID=0.85A
|
TY Semiconductor Co., Ltd
|
FDN5630 |
N-Channel Power Trench MOSFET VDS (V) = 60V RDS(ON)100 m (VGS = 10V) Optimized for use in high frequency DC/DC converters
|
TY Semicondutor TY Semiconductor Co., Ltd
|
ST7MDT2 ST7MDT2-110 ST7MDT2-220 ST7MDT2-DVP ST7MDT |
A Low-Cost Development Package Including A Full Real-Time Emulation Board(低价格开发软件包) MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET MOSFET; Transistor Polarity:Dual N/P Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:51A; On-Resistance, Rds(on):0.36ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:6-TSOP; Drain-Source Breakdown Voltage:30V From old datasheet system MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AP131 AP131-50Y AP131-15W AP131-15Y AP131-16W AP13 |
1.5A Fast Ultra Low Dropout Linear Regulators 1.5A的快速超低压差线性稳压器 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:75A; On-Resistance, Rds(on):8mohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-220; Leaded Process Compatible:No 300mA低压差线性稳压器,带有关 MOSFET, N D-PAK;; Transistor type:MOSFET; Transistor polarity:N Channel; Voltage, Vds max:30V; Case style:TO-252 (D-Pak); Current, Id cont:63A; Current, Idm pulse:50A; Power, Pd:65.2W; Resistance, Rds on:0.0095R; LED Lamp; Color:Blue; Luminous Intensity (MSCP):210ucd; Voltage Rating:3.9V; LED Color:Blue; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Terminal Type:Radial Leaded LED Lamp; Color:Blue; Luminous Intensity (MSCP):15ucd; Voltage Rating:3.9V; LED Color:Blue; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Terminal Type:Radial Leaded LED Lamp; Color:Blue; Luminous Intensity (MSCP):50ucd; Voltage Rating:3.9V; LED Color:Blue; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Terminal Type:Radial Leaded MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:85A; On-Resistance, Rds(on):3mohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:TO-220AB; Leaded Process Compatible:Yes MOSFET, P TO-220MOSFET, P TO-220; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:30V; Case style:TO-220AB; Current, Id cont:70A; Current, Idm pulse:240A; Power, Pd:187W; Resistance, Rds on:0.007R; Pin SENSOR, OPTICAL, PHOTOTRANSISTOR O/P; RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:85A; On-Resistance, Rds(on):0.003ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:TO-220; Leaded Process Compatible:No Optical Sensor (Switch) Reflective; Optocoupler Output Type:Transistor; Leaded Process Compatible:Yes; Voltage Rating:32V MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:70A; On-Resistance, Rds(on):14mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Leaded Process Compatible:No LED Lamp; Color:Yellow; Luminous Intensity (MSCP):2.5; Viewing Angle:60; Forward Current:7mA; Forward Voltage:2.2V; LED Color:Yellow; Leaded Process Compatible:Yes; Lens Style:(L x W x D) 3 x 2.8 x 1.65 mm; Lens Width:3mm MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:85A; On-Resistance, Rds(on):21mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Leaded Process Compatible:No Optical Sensor (Switch) Transmissive / Slotted Interrupter; Optocoupler Output Type:Transistor; Leaded Process Compatible:Yes; Voltage Rating:70V Optical Sensor (Switch) Reflective; Optocoupler Output Type:Transistor; Leaded Process Compatible:Yes; Voltage Rating:70V LED Lamp; Color:Yellow; Luminous Intensity (MSCP):50; Viewing Angle:60; Voltage Rating:2V; Forward Current:30mA; Forward Voltage:2V; LED Color:Yellow; Leaded Process Compatible:Yes; Mounting Type:Surface Mount MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:75A; On-Resistance, Rds(on):8mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Leaded Process Compatible:No LED Lamp; Color:Green; Luminous Intensity (MSCP):1.6; Viewing Angle:60; Forward Current:7mA; Forward Voltage:1.9V; LED Color:Green; Leaded Process Compatible:Yes; Lens Style:(L x W x D) 3 x 2.8 x 1.65 mm; Lens Width:3 MOSFET, N TO-220AB 300mA Low Dropout Linear Regulator with Shutdown
|
Diodes, Inc. TE Connectivity, Ltd. ANACHIP[Anachip Corp] ETC[ETC]
|
AMS431 AMS431A AMS431AL AMS431AM AMS431AN AMS431AS |
PRECISION ADJUSTABLE SHUNT REGULATOR 精密可调并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:15A; On-Resistance, Rds(on):0.09ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No 精密可调并联稳压 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-60V; Continuous Drain Current, Id:10A; On-Resistance, Rds(on):0.28ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-252; Leaded Process Compatible:No 精密可调并联稳压
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
KI5903DC |
Drain-Source Voltage Vds -20V Gate-Source Voltage Vgs -12V
|
TY Semiconductor Co., Ltd
|
NDH854P |
Length/Height 1.02 mm Width 4.55 mm Depth 4.06 mm Power dissipation 1.8 W Transistor polarity P Channel Current Id cont. 5.1 A Voltage Vgs th max. 4.5 V Voltage Vds max 30 V P-Channel Enhancement Mode Field Effect Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
AMS5010KT AMS5010JT AMS5010NT AMS5010LN AMS5010HN |
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:40A; On-Resistance, Rds(on):0.014ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No 1.2V的电压基 1.2V VOLTAGE REFERENCE 1.2V的电压基
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
|