PART |
Description |
Maker |
2SD1624-X-AB3-R 2SD1624G-X-AB3-R 2SD1624L-X-AB3-R |
HIGH CURRENT SWITCHIG APPLICATION
|
Unisonic Technologies
|
2SD1816L-X-TM3-T 2SD1816G-X-TF3-T 2SD1816L-X-TF3-T |
HIGH CURRENT SWITCHIG APPLICATION 4 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
UNISONIC TECHNOLOGIES CO LTD
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
SET111411 SET111403 SET111412 SET111419 SET111404 |
High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?400V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?1000V,娓╁害55???骞冲??存??垫?30A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) 3 PHASE, 30 A, SILICON, BRIDGE RECTIFIER DIODE High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?150V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴??涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(反向电压1000V,温度55℃时平均整流电流45A,高密大电三相全波桥整流器) 高密度,大电3 -相全波桥式整流器(反向电000V的温5℃时平均整流电流45A条,高密度,大电流,三相全波桥整流器 HIGH CURRENT, 3-PHASE FULL WAVE BRIDGE ASSEMBLY
|
Semtech, Corp. Semtech Corporation
|
C62702-C941 C62702-C942 C62702-C943 |
PNP Silicon Darlington Transistors (High current gain High collector current)
|
SIEMENS AG Siemens Semiconductor Group
|
CMSSH-3E CMSSH-3SE CMSSH-3AE CMSSH-3CE |
SMD Schottky Diode Dual: High Current: Common Anode SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
KBPC4004 KBPC4004W KBPC5010W GBPC40 KBPC4008 KBPC4 |
16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 HIGH CURRENT 15/25/35/AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 40/ 50A HIGH CURRENT BRIDGE RECTIFIER 40, 50A HIGH CURRENT BRIDGE RECTIFIER Hex D-Type Flip-Flops With Clear 16-SSOP -40 to 85 400A条大电流整流
|
WTE[Won-Top Electronics] Surge Components Won-Top Electronics Co., Ltd.
|
ZHCS1006 ZHCS1006TA |
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ”SuperBAT?/a> SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ??uperBAT??/td>
| SOT-23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE SuperBAT SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE B>SuperBAT DIODE SCHOTTKY SOT-23 肖特基二极管采用SOT - 23 High Current Schottky Diode
|
Fairchild Semiconductor Zetex Semiconductors Zetex Semiconductor PLC
|
BC337 BC337-25 BC337-40 Q62702-C314-V3 BC337-16 BC |
Si-Epitaxial PlanarTransistors NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage) NPN硅晶体管自动对焦(高电流增益高集电极电流低集电极发射极饱和电压)
|
Siemens Semiconductor G... Diotec Elektronische Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BC368 C62702-C747 |
NPN General Purpose Amplifier NPN Silicon AF Transistor (High current gain High collector current) From old datasheet system
|
SIEMENS AG Fairchild Semiconductor SIEMENS[Siemens Semiconductor Group] Infineon
|
CZT751 |
SMD Small Signal Transistor NPN High Current SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|