PART |
Description |
Maker |
AS7C33512PFD18A-133TQCN AS7C33512PFD18A-133TQIN AS |
3.3V 512K x 18 pipeline burst synchronous SRAM 512K X 18 STANDARD SRAM, 4.5 ns, PQFP100 3.3V 512K x 18 pipeline burst synchronous SRAM 512K X 18 STANDARD SRAM, 4 ns, PQFP100
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corp...
|
AS7C3364PFS32A-133TQC AS7C3364PFS32A-133TQI |
3V 64K x 8/512K x 32 pipeline burst synchronous SRAM, 133MHz
|
Alliance Semiconductor
|
IS61VPS10018-166TQ IS61VPS10018-200B IS61VPS51232- |
1024K x 18 synchronous pipeline, single-cycle deselect static RAM 512K x 32 synchronous pipeline, single-cycle deselect static RAM 512K x 36 synchronous pipeline, single-cycle deselect static RAM
|
Integrated Silicon Solution Inc
|
IS61LPD51218T_D IS61LPD25636T_D IS61SPD51218T_D IS |
512K x 18 synchronous pipeline, double-cycle deselect static RAM 256K x 32 synchronous pipeline, double-cycle deselect static RAM 256K x 36 synchronous pipeline, double-cycle deselect static RAM 256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
AS7C3256PFS18A-4TQC AS7C3256PFS16A-4TQC AS7C3256PF |
3.3V 256K x 18 pipeline burst synchronous SRAM, 166 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 166 MHz 256K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 3.8 ns, PQFP100 3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K x 16 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 100 MHz
|
Alliance Semiconductor, Corp. ALLIANCE SEMICONDUCTOR CORP
|
IS61NLP51236 IS61NVP25672-200B1 |
256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
|
Integrated Silicon Solu...
|
IS61NLP51218A IS61NLP51218A-200TQLI IS61NLP51218A- |
256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
|
Integrated Silicon Solu...
|
IS61SP6464-133PQI |
64K x 64 synchronous pipeline static RAM
|
Integrated Silicon Solution Inc
|
7C33128PFS36A |
3.3V 128K x 32/36 pipeline burst synchronous SRAM
|
Alliance Semiconductor
|