PART |
Description |
Maker |
M38B40EEH-XXXXFP M38B46MAH-XXXXFP M38B45M7H-XXXXFP |
101FINHB-N5 120VAC FLASHING BL (NR) 单芯位CMOS微机 THERMO COMPENSATING ATT 6DB 单芯位CMOS微机 OSCILLATOR VC-TXO 16.80MHZ SMD 单芯位CMOS微机 ATTEN, VAR, 6DB, -.009TCA, SMD3 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 DC-DC Converter; Supply Voltage:48V; Output Voltage:5V; Number of Outputs:2; Power Rating:10W; Mounting Type:PC Board; Series:BXA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:75V RoHS Compliant: Yes ATTEN,TEMP COMPSG,SM 4 DB,2W,DC-6GHZ FLASHLIGHT INDUSTRIAL LANTERN ATTENUATOR, THIN FILM CHIP ATTEN THN FLM CHP .060 X. OSC 3.3V SMT 7X5 CMOS Single Chip 8 Bits Microcomputer(8位单片机) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER隆隆隆隆隆隆 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Panasonic Industrial Solutions Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
IS-80C32 IS80C32 |
(IS-80C32 / IS-80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER (IS80C32 / IS80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
|
Integrated Silicon Solution
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
IS80LV52-24PLI IS80LV52-24WI IS80LV52-24PQ IS80LV5 |
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PDIP40 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PDIP40
|
Integrated Silicon Solution, Inc.
|
MX29LV040CQC-55G MX29LV040CTC-55G MX29LV040CQI-55G |
4M-BIT CMOS SINGLE VOLTAGE
|
ETC
|
M306N0FGFP M306N0FGTFP M306N0MCT-XXXFP M16C/6N M30 |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single Chip 16 Bit CMOS Microcomputer M16C/6N Series Microcontrollers: For Controller Area Network Single chip 16-bit CMOS microcomputer
|
Mitsubishi Electric Semicon... Mitsubishi Electric Corporation
|
MX26LV040PC-55 MX26LV040QC-55 MX26LV040TC-55G |
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 8 FLASH 3V PROM, 55 ns, PDIP32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 8 FLASH 3V PROM, 55 ns, PQCC32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 8 FLASH 3V PROM, 55 ns, PDSO32
|
Macronix International Co., Ltd.
|
MX29LV002XX |
2M-Bit CMOS Single Voltage 3V Flash Memory
|
Macronix
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
MX29LV002CB MX29LV002CBQC-90G MX29LV002CBQI-70G MX |
2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
MXIC MCNIX[Macronix International]
|
IS80LV32 IS80LV32-24PL IS80LV32-24PLI IS80LV32-24P |
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
|
Integrated Silicon Solution, Inc
|