PART |
Description |
Maker |
CMPTA94 |
SMD Small Signal Transistor PNP High Voltage SURFACE MOUNT PNP HIGH VOLTAGE SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
2SC4615 2SA1772 2SA1772ETP-FA |
1000 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Planar Silicon Transistor for High-Voltage Driver Applications(高电压驱动器应用的PNP硅外延平面型晶体 进步党硅外延平面晶体管的高压驱动器应用(高电压驱动器应用的新进步党硅外延平面型晶体管 NPN Triple Diffused Planar Silicon Transistor High-Voltage Driver Applications PNP Epitaxial Planar Silicon Transistor High-Voltage Driver Applications
|
Sanyo Electric Co., Ltd.
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
Q62702-F722 BFP23 BFP26 Q62702-F622 |
PNP Silicon Transistor with high Reve... From old datasheet system PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
FMMT560 |
PNP High Voltage Transistor PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
BF623 Q62702-F1053 |
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BF423G |
High Voltage Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 50 mA, 250 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
KTA1279 |
General Purpose Transistor EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE/ TELEPHONE) EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, TELEPHONE)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
BFN21 Q62702-F1059 |
From old datasheet system PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
|
SIEMENS[Siemens Semiconductor Group]
|
MMBTA92LT1_D ON2140 MMBTA93LT1 |
High Voltage Transistors(PNP Silicon) 50 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system *Motorola Preferred Device
|
ON Semiconductor
|