PART |
Description |
Maker |
HC55120CB HC55130IB |
Voltage Regulator IC; Output Current:2A; Output Voltage:5V; Package/Case:3-TO3P; Output Voltage Max:5.1V; Output Voltage Min:4.9V IC-VLTG REG 6V TO220 ISO
|
Intersil Corporation
|
S218 |
Solid-State Panel Mount Relay; Output Device:Triac; Output Voltage Max:140Vrms; Output Voltage Min:20Vrms; Load Current Max:8A; Switching:Zero Cross; Output Current:8A; Output Type:SCR; Supply Voltage Max:8VDC
|
CRYDOM CORP
|
MP20043DGT-A-LF-Z MP20043DGT-D-LF-Z MP20043DGT-C-L |
Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
|
Monolithic Power Systems
|
H11D3X H11D3XSM H11D2X H11D1X H11D1X-SMTAMPR H11D4 |
HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
ISOCOM COMPONENTS ISOCOM COMPONENTS LTD
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
AD5384BBC-5REEL7 AD5384BBC-3REEL7 AD5384BBCZ-5 AD5 |
40-Channel, 3 V/5 V Single Supply,14-Bit, Serial Voltage-Output DAC; Package: CSPBGA (10x10x1.35); No of Pins: 100; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 14-BIT DAC, PBGA100 40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
SSTVN16857MTD SSTV16857 SSTV16857MTD SSTVN16857 |
Voltage Regulator IC; Output Current:300mA; Output Voltage:5V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V 14-Bit Register with SSTL-2 Compatible I/O and Reset
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BSP20 BSP19 |
NPN high-voltage transistors INNOLINE: RP100-S_DI - Single Output up to 25A Dual Outputs Total Power up to 100W- Input/Output 1.6kVDC Isolation- Adjustable Output Voltage
|
NXP Semiconductors PHILISP PHILIPS[Philips Semiconductors]
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
LTV-352T |
High current transfer ratio, High input-output isolation voltage 1 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER
|
Lite-On Technology, Corp. Lite-On Technology Corporation
|