PART |
Description |
Maker |
LTC4252-2 LTC4252-1 425212F LTC4252-1IMS8 LTC4252- |
TRANS ARRAY PNP/PNP SS MINI-6P Negative Voltage Hot Swap Controllers TRANS ARRAY NPN/NPN SSMINI-6 From old datasheet system Negative Voltage Hot Swap Controller w/ Latch Off Negative Voltage Hot Swap Controller w/ Auto Retry
|
Linear Technology Corporation
|
PG2322 PG2324 PG2311 PG2326 PG2325 PG2316 |
Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Secondary Side Dual Output Controller with Opto Driver; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-5 晶体管|晶体管|进步党| 50V五(巴西)总裁| 10A条一(c)|5
|
Glenair, Inc.
|
LT1640L1 LT1640HCS8TRPBF LT1640HCN8PBF LT1640LIS8 |
Negative Voltage Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 Negative Voltage Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Negative Voltage Hot Swap Controller
|
Linear Technology, Corp.
|
SC425005 SC4250LISTRT |
Negative Voltage Hot Swap Controller
|
Semtech Corporation
|
LT1640AL LTC1642 LT4250 LTC4220 LT1641-1 LT1641-2 |
Negative Voltage Hot Swap Controllers
|
Linear Technology
|
34652 |
2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
|
飞思卡尔半导体(中国)有限公司
|
LM5067MM-1 LM5067MW-1 |
Negative Hot Swap / Inrush Current Controller with Power Limiting
|
http://
|
LTC4261CUFD-2 LTC4261IUFD-2 LTC4261IGN LTC4261IGN- |
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
|
Linear Technology
|
LT1640AH LT1640AL LT1641-1 LT1641-2 LTC4251B-2 LTC |
Negative Voltage Hot Swap Controllers ?8V Hot Swap Controllers
|
Linear Technology
|
PIC16LC710-E/JW PIC16LC710-/JW PIC16C710T-04/SO PI |
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring; Package: QFN; No of Pins: 28; Temperature Range: -40°C to 85°C Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 85°C 8-BIT MICROCONTROLLER 8位微控制
|
Microchip Technology, Inc.
|
UCC3921D/81143G4 UCC3921DTR/81143G4 UCC3921DTRG4 |
<font color=red>[Old version datasheet]</font> Latchable Negative Floating Hot Swap Power Manager
|
TI store
|
LT3015 LT3080 LT3080-1 LT1175 LT1185 LT1764A LT196 |
1.5A, Low Noise, Negative Linear Regulator Dual 150mA Positive/Negative Low Noise
|
Linear Technology
|