PART |
Description |
Maker |
LT1615-1 |
Micropower Step-Up DC/DC Converters in SOT-23(微功耗步DC/DC变换器(SOT-23封装 微功耗升压型DC / DC转换器采用SOT - 23(微功耗步升直直流变换器(采用SOT - 23封装)) Micropower Step-Up DC/DC Converters in SOT-23(寰???????C/DC??????SOT-23灏??锛?
|
Linear Technology, Corp. Linear Technology Corporation
|
LT3483A |
Inverting Micropower DC/DC Converters with Schottky
|
Linear Technology
|
LT1317B-15 |
Micropower, 600kHz PWM DC/DC Converters
|
Linear Technology
|
AS1322A-BTTT AS1322A AS1322 AS1322B AS1322B-BTTT A |
Low Voltage, Micropower, DC-DC Step-Up Converters
|
AMSCO[austriamicrosystems AG]
|
LTC1096LIS8TR |
Micropower Sampling 8-Bit Serial I/O A/D Converters
|
Linear Technology
|
LTC1286I LTC1298C LTC1286IN8 LTC1286CN8 LTC1286CS8 |
Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
|
Linear Technology Corporation
|
LT1308ACF-PBF LT1308ACF-TR LT1308ACF-TRPBF LT1308A |
High Current, Micropower Single Cell, 600kHz DC/DC Converters
|
Linear Technology
|
LTC1286 LTC1286C LTC1286CN8 LTC1286CS8 LTC1286I LT |
From old datasheet system Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
|
LINER[Linear Technology]
|
LTC1751 1751I |
Micropower, Regulated Charge Pump DC/DC Converters From old datasheet system
|
Linear
|
LTC3400-1 34001F LTC3400ES6-1 LTC3400ES6-1TRM LTC3 |
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT 600mA, 1.2MHz Micropower Synchronous Boost Converters in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 From old datasheet system
|
Linear Technology, Corp.
|