PART |
Description |
Maker |
LB1975 |
Monolithic Digital IC DC Fan Motor Driver
|
SANYO[Sanyo Semicon Device]
|
LB1862 |
Monolithic Digital IC Fan Motor Single-Phase Full-Wave Driver
|
SANYO[Sanyo Semicon Device]
|
LB1962M LB1862M |
Monolithic Digital IC Fan Motor Single-Phase Full-Wave Drivers
|
SANYO[Sanyo Semicon Device]
|
LB11669M |
Monolithic Linear IC For Fan Motor Two-Phase Half-Wave Driver
|
Sanyo Semicon Device
|
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|
TC9434AFN |
SUMM-DELTA MODULATION DA CONVERTER WITH BUILT-IN 8-TIMES OVERSAMPLING DIGITAL FILTER/DIGITAL BASS BOOST/ANALOG FILTER TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
|
Toshiba Semiconductor
|
TC670ECHTR TC67003 TC670 |
The TC670 is an integrated fan speed sensor that predicts and/or detects fan failure, preventing thermal damage to systems with cooling fans. When the fan speed falls below a user specified level, the TC670 asserts an ALERT signal. With th Tiny Predictive Fan Failure Detector
|
Microchip Technology
|
LB8684CL |
Monolithic Digital IC Digital Camera Motor Driver for Cell Phones
|
Sanyo Semicon Device
|
LB8655T |
Monolithic Digital IC Driver for Digital Still Cameras
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
ASC7512M8 ASC7512 ASC7512D8 |
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
|
ETC[ETC]
|
LA6587T |
Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
|
Sanyo Semicon Device
|