PART |
Description |
Maker |
L80227 |
Single chip 100BaseTX/10BaseT PHY
|
LSI Logic
|
AX11015 |
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY 单芯片微控制器,带有TCP / IP0/100M自适应快速以太网MAC / PHY
|
ASIX Electronics, Corp.
|
IDT77V1253 IDT77V1253L25PGI |
Triple Port ATM PHY for 25.6 and 51.2 Mbps ATM Networks with 16 bit UTOPIA Level 2 Interface 3 Channel 25/51Mbps PHY, U1/U2
|
IDT
|
84221 |
Quad 100BaseTX/100BaseFX/10BaseT Physical Layer Device (Highly Integrated Ethernet Transceiver For Twisted Pair And Fiber Ethernet Applications四
|
LSI Corporation
|
STE10 STE100 STE10_100 6641 |
From old datasheet system PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY (5V) PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
|
STMicroelectronics
|
IDT77V106L200TFI IDT77V106L25 |
3.3V ATM PHY for 25.6 and 51.2 Mbps
|
Integrated Device Technology, Inc.
|
IDT77V1264L200PGI |
4 Channel 200Mbps PHY, U1/U2
|
IDT
|
GL9711-TGGXX |
PCI ExpressTM PIPE x1 PHY
|
Genesys Logic, Inc.
|
GL9714-TGGXX GL9714 |
PCI ExpressTM PIPE x4 PHY
|
GENESYS LOGIC
|