PART |
Description |
Maker |
IRF7601 IRF7601TR |
20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=20V, Rds(on)=0.035ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.035ohm) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) N沟道HEXFET功率MOSFET的(不适用沟道的HEXFET功率马鞍山场效应管) N-Channel HEXFET Power MOSFET(N娌?? HEXFET ???MOS?烘?搴??)
|
International Rectifier, Corp.
|
AM29F002BB-120EE AM29F002BB-120EI AM29F002BB-120JC |
-55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF5305S with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF5210S with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF9520NS with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9540NPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024N with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; A IRLIB9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package; A IRF5305L with Standard Packaging -150V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR6215 with Lead Free Packaging -30V Single P-Channel HEXFET Power MOSFET in a Micro 8 package; A IRF7726 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9024N with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7204 with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU5410 with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9530NS with Tape and Reel Right Packaging -150V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF6215PBF with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9540NS with Tape and Reel Left Packaging -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF9Z34NS with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5305PBF with Standard Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7406 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package; A IRF4905L with Standard Packaging -150V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU6215 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR5305 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9Z34N with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF9530NS with Lead Free Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7204 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9540NS with Standard Packaging -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7233 with Lead Free Packaging -40V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7241 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5210 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU5305 with Standard Packaging -40V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7704 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a TO-247AC package; Similar to IRFP9140N with Lead Free Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to SI4435DY with Lead Free Packaging -40V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package; Similar to IRF7704 with Lead-Free Packaging. -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7210 with Lead-Free Packaging. -100V Single P-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF5210L with Lead Free Packaging x8闪存EEPROM x8 Flash EEPROM x8闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFI9Z34N IRFI840G IRFI9Z34NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
|
IRF[International Rectifier]
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRLR024 IRLR024TRL IRLR024TRR |
HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 60V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFL024 IRFL024N IRFL024NTRPBF IRFL024NTR |
Surface Mount Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V Rds(on)=0.075ohm Id=2.8A) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) Advanced Process Technology
|
IRF[International Rectifier]
|
IRF7314Q |
-20V Dual P-Channel HEXFET Power MOSFET in a SO-8 package HEXFET? Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRFIZ24N IRFIZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
|
IRF[International Rectifier]
|
IRLI2203N 2308 |
30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET From old datasheet system
|
IRF[International Rectifier]
|