PART |
Description |
Maker |
GD74LS153 |
Dual 4-Line to 1-Line Data Selectors / Multiplexers
|
LG Semicon
|
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
GRM4.4202.013 GRM4.4202.123 GRM4.4222.013 GRM4.422 |
mounting, line switch, fuseh. 5x20 mm with/without voltage sel
|
Schurter Inc.
|
HM628128A HM628128ALFP-10 HM628128ALFP-10L HM62812 |
131,072-word X 8-bit High Speed CMOS Static RAM 131,072字8位高速CMOS静态RAM Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CFP -55 to 125 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CDIP -55 to 125
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
74VHC74MTC 74VHC74MX 74VHC74SJ 74VHC74 74VHC74M 74 |
Dual D-Type Flip-Flop with Preset and Clear Hex Schmitt-Trigger Inverters 14-TSSOP -40 to 85 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-SOIC -40 to 85 AHC/VHC/H/U/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-SOIC -40 to 85 AHC/VHC/H/U/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
WPCMV-2M3216-700L WPCML-2M2012-121L WPCMV-2M3216-4 |
2 FUNCTIONS, 16 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 10 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 16 V, 0.25 A, DATA LINE FILTER EIA STD PACKAGE SIZE 3216, 4 PIN
|
Ecliptek, Corp. Epson (China) Co., Ltd.
|
HD74HC253 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
HCF40257 HCF40257BEY HCF40257BM1 HCF40257M013TR |
4000/14000/40000 SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDIP16 4000/14000/40000 SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16 QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
|
STMicroelectronics ST Microelectronics
|
HD74LS158 |
Quadruple 2-line-to-1-line Data Selectors/Multiplexers(inverted outputs)
|
HITACHI[Hitachi Semiconductor]
|