PART |
Description |
Maker |
STB3NC60 STB3NC60T4 STB3NC60-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-262AA TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-263AB N - CHANNEL 600V - 3.3Ohm -3A-D 2 PAK/I 2 PAK PowerMESH II MOSFET N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
STW12NB60 7799 |
12 A, 600 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 CONNECTOR ACCESSORY N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh⑩II MOSFET From old datasheet system N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?II MOSFET N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP4NC60A STP4NC60AFP STB4NC60A-1 |
N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET 32BIT MCU,GPT,SIM,QSM N沟道600V 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh第二MOSFET的⑩
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STH10NC60FI STW10NC60 STH10NC60 |
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?┥I MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?II MOSFET N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMeshII MOSFET N-CHANNEL Power MOSFET N-CHANNEL Power MOS MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh⑩II MOSFET N沟道600V 0.6ohm - 10A TO-247/ISOWATT218 PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
S1HNK60 STS1HNK60 |
N-CHANNEL 600V - 8 OHM - 0.3A SO-8 SUPERMESH POWER MOSFET N沟道600V 8欧姆- 0.3A的SO - 8 SUPERMESH功率MOSFET N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] 意法半导
|
FQU1N60C FQD1N60C FQD1N60CTF FQD1N60CTM FQU1N60CTU |
600V N-Channel Advance QFET C-Series 600V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
STP11NM60A STP11NM60AFP STB11NM60A-1 |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh⑩Power MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmeshPower MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IRFIBC40GLC IRFIBC40GLCPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
|
IRF[International Rectifier]
|
FQU5N60C FQD5N60C FQD5N60CTM FQD5N60CTF FQU5N60CTU |
600V N-Channel Advance QFET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQPF10N60C FQP10N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|