PART |
Description |
Maker |
LRI64-W4_XXX LRI64 LRI64-A1S LRI64-A1S_XXX LRI64-A |
Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
|
STMICROELECTRONICS[STMicroelectronics]
|
HT674007 HT6740 |
13.56MHz RFID Transponder
|
Holtek Semiconductor In... Holtek Semiconductor Inc
|
HT672A |
13.56MHz RFID Transponder
|
Holtek Semiconductor Inc. HOLTEK[Holtek Semiconductor Inc]
|
LBS42601 |
426MHz SAW Filter 6.56MHz Bandwidth
|
SIPAT Co,Ltd
|
EM4094 |
Analog Front End Integrated Circuit for 13.56Mhz RFID Base Station
|
EM Microelectronic - MARIN SA ETC
|
LRIS2K-A6S2U LRIS2K-A7T LRIS2K-MBTG LRIS2K-W4 |
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
|
STMicroelectronics
|
SR176-W4/1GE SR176-SBN18/1GE SR176-A3S/1GE SR176-A |
13.56MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64 bits Unique ID
|
ST Microelectronics
|
ARF445 ARF444 |
RF OPERATION (1-15 MHz) POWER MOS IV 300W 300V 13.56MHz N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
|
ADPOW[Advanced Power Technology]
|
SRIX512-W4/1GE |
13.56MHz Short Range Contactless Memory Chip with 512 bit EEPROM, Anti-Collision and Anti-Clone Functions
|
ST Microelectronics
|
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|