PART |
Description |
Maker |
CAT3612 CAT3612HV2-T2 |
Programmable 300mA Camera Flash LED Driver
|
Catalyst Semiconductor
|
MIC5249 MIC5249-1.8BMM MIC5249-2.5BMM MIC5249-2.6B |
300MA UCAP LDO WITH PROGRAMMABLE POWER ON RESET DELAY
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
SD-105076-001 |
Camera Socket for Mobile Phone, Bottom Contact, 7x7 Camera Module, Lead free
|
Molex Electronics Ltd.
|
AAT3242ITP-IQ-T1 AAT3242ITP-IP-T1 AAT3242ITP-WI-T1 |
300mA/150mA Dual CMOS LDO Linear Regulator 300mA/150mA LDO线性稳压器的CMOS
|
Advanced Analog Technology,lnc. 线性稳 Advanced Analog Technology, Inc.
|
MIC531810 MIC5318YD5 MIC5318YMT MIC5318-3.3YD5 MIC |
High Performance 300mA 渭Cap ULDO High Performance 300mA μCap ULDO 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
Micrel Semiconductor MICREL INC
|
AS13611 AS1362-BTTT-26 AS1362-BTTT-285 AS1362-BTTT |
300mA 9碌Vrms, 92dB, POK; Package Type: TSOT23-6; Output Range: 2.8V 300mA 9碌Vrms, 92dB, POK; Package Type: TSOT23-6; Output Range: 2.5V 150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
|
austriamicrosystems AG ams AG
|
TTA150T TTA100Z TTA200S TTA235S TTA235D |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|235V V(BO) MAX|300MA I(S)|TO-220AC SINGLE BIDIRECTIONAL BREAKOVER DIODE|180V V(BO) MAX|300MA I(S)|PILL-B SINGLE BIDIRECTIONAL BREAKOVER DIODE|285V V(BO) MAX|300MA I(S)|DO-214AB 单双向击穿二极管| 285V五(公报)最大| 300mA的我(县)|DO - 214AB SINGLE BIDIRECTIONAL BREAKOVER DIODE|345V V(BO) MAX|300MA I(S)|DO-214AB 单双向击穿二极管|导通五(公报)最大| 300mA的我(县)|DO - 214AB SINGLE BIDIRECTIONAL BREAKOVER DIODE|345V V(BO) MAX|300MA I(S)|DO-201AD 单双向击穿二极管|导通五(公报)最大| 300mA的我(县)|的DO - 201AD
|
Fairchild Semiconductor, Corp. Honeywell International, Inc. Carling Technologies, Inc.
|
C7390-16 C7390 C7390-01 C7390-06 C7390-11 C7390-02 |
X-Ray Line Sensor Camera Effective X-ray tube voltage range:40 to 160kV; resolution: 512mm:1280pixels; 256mm:640pixels; W-ray line sensor camera
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
NJM2110 |
Monoral Mic Amp.for Video Camera MONAURAL MIC AMP. for VIDEO CAMERA
|
New Japan Radio njr
|
TMR4823 TMR TMR0510 TMR0511 TMR0512 TMR0521 TMR052 |
Slide Switch; Circuitry:DP3T; Contact Current Max:300mA; Contact Rating:300mA; Leaded Process Compatible:Yes; Mounting Type:PCB; Peak Reflow Compatible (260 C):Yes; Switch Features:Miniature Telecom Grade; Switch Function:DP3T DC/DC Converters - TMR Series, 2 Watt
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|