PART |
Description |
Maker |
OP-270A OP-270AJ8 OP-270E OP-270EJ8 OP-270G OP-270 |
From old datasheet system Dual/Quad Low Noise / Precision Operational Amplifiers Dual/Quad Low Noise, Precision Operational Amplifiers DUAL OP-AMP, 75 uV OFFSET-MAX, 6 MHz BAND WIDTH, CDIP8 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 400 uV OFFSET-MAX, 6 MHz BAND WIDTH, CDIP14 Dual/Quad Low Noise, Precision Operational Amplifiers DUAL OP-AMP, 250 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDIP8 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 1000 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDIP14 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 1000 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDSO16 Dual/Quad Low Noise, Precision Operational Amplifiers 四低噪声,高精度运算放大
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
124 124RPFS 124RPFE 124RPFB 124RPFI |
Low-Power Quad Operational Amplifier QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, DFP14
|
Maxwell Technologies, Inc
|
MC33174 MC33174DT |
QUAD OP-AMP, 6500 uV OFFSET-MAX, 2.1 MHz BAND WIDTH, PDSO14 LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
|
STMICROELECTRONICS[STMicroelectronics]
|
MC33181 MC33181D MC33181P MC34181 MC34184DTB MC331 |
Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers QUAD OP-AMP, 11500 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers QUAD OP-AMP, 11000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 (MC34182 / MC34184) Low Power / High Slew Rate / Wide Bandwidth / JFET Input Operational Amplifiers Dual Precision Timer 14-PDIP -40 to 85 (MC33181 - MC33184) Low Power / High Slew Rate / Wide Bandwidth / JFET Input Operational Amplifiers
|
http:// Motorola Mobility Holdings, Inc. ON Semiconductor Motorola, Inc.
|
NCV2902DTBR2G LM2902VDG LM224NG LM324DR2G LM324ADG |
Single Supply Quad Operational Amplifiers QUAD OP-AMP, 7000 uV OFFSET-MAX, PDSO14 3-32V Quad Operational Amplifier, Ta= -25 to 85°C, Pb-free; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 QUAD OP-AMP, 5000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP14 3-32V Quad Operational Amplifier, Ta= 0 to 70°C, PB-FREE; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14 Single Supply Quad Operational Amplifiers
|
ON Semiconductor Diodes, Inc.
|
X9258US24I-2.7T1 X9258TS24I-2.7T1 X9258TV24I |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC T&R Quad Digital Controlled Potentiometers(XDCP?
|
INTERSIL CORP Intersil Corporation
|
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
MC33171DR2 MC33174VDR2 MC33172VD MC33172DR2G MC331 |
Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers(???婧??浣?????绠??澶у?) Single Supply 3V to 44V, Low Power Dual Op Amp Single Supply 3V to 44V, Low Power Quad Op Amp Single Supply 3V to 44V, Low Power Single Op Amp
|
ON Semiconductor
|
MC33171 MC33171P |
(MC33172/MC33174) Low Power / Single Supply Operational Amplifiers Dual Low-Noise Operational Amplifier 8-SOIC -40 to 85 OP-AMP, 6500 uV OFFSET-MAX, 1.8 MHz BAND WIDTH, PDIP8
|
Motorola Mobility Holdings, Inc.
|
MAX6416 MAX6418 MAX6412 MAX6413UK37-T MAX6413UK38- |
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable; Temperature Range: -40°C to 85°C; Package: 8-PDIP " Low-Power, Single/Dual-Voltage ?P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay" Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Bit, 80 MSPS, High Speed Video D/A Converter; Temperature Range: 0°C to 70°C; Package: 28-SOIC Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -40°C to 85°C; Package: 28-SOIC 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Gilbert Cell UHF Transistor Array; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 850MHz, Low Distortion Programmable Gain Buffer Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 330MHz, Low Power, Current Feedback Video Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 10-Bit, 40MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 8-Bit, 165/125/60MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 12-Bit, Low Cost, Monolithic D/A Converters; Temperature Range: 0°C to 70°C; Package: 24-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 360MHz, Low Power, Video Operational Amplifier with Output Limiting; Temperature Range: -40°C to 85°C; Package: 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R
|
Maxim Integrated Products, Inc. 电源管理 MAXIM INTEGRATED PRODUCTS INC
|
MCP606-I/P MCP606-I/SN MCP606-I/ST MCP609-I/P MCP6 |
The MCP606 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP609 quad operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... The MCP608 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP607 dual operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... 2.5V TO 5.5V MICROPOWER CMOS OP AMPS
|
Microchip Technology Inc.
|
|