PART |
Description |
Maker |
MAX4239 MAX4238AUT MAX4239AUT-T MAX4238 MAX4238ASA |
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers Ultra-Low Offset/Drift Op Amp (AV>10) in SOT23 Package Ultra-Low Offset/Drift / Low-Noise / Precision SOT23 Amplifiers
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX873 MAX876 |
Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage Reference
|
MAXIM - Dallas Semiconductor
|
LTC6652 LTC6652AHMS8-5-PBF LTC6652AHMS8-5-TRPBF LT |
Precision Low Drift Low Noise Buffered Reference
|
Linear Technology
|
AD8228ARZ-R7 AD8228BRZ |
Low Gain Drift Precision Instrumentation Amplifier
|
Analog Devices
|
ADR370BRT-R2 ADR370ART-R2 |
Precision Low Power 2.048 V SOT-23 Voltage Reference
|
Analog Devices, Inc.
|
AD545A AD545AJ AD545AK AD545AL AD545AM |
Monolithic Precision, Low Drift FET-Input Op Amp
|
AD[Analog Devices]
|
AD620 AD620A AD620ACHIPS AD620AN AD620AR AD620AR-R |
Low Drift, Low Power Instrumentation Amp With Set Gains of 1 to 1000 Low Cost, Low Power Instrumentation Amplifier Precision Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 150 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO8
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
ADR421 ADR421AR ADR421ARM-REEL7 ADR421AR-REEL7 ADR |
18V; ultraprecision low-noise, 2.048V / 2.500V / 3.00V / 5.00V XFET voltage reference. For bettery-powered instrumentation, portable medical instruments, precision data acquisition systems, high resolution converters Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO8 Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Toggle Switch; Circuitry:SPDT; Switch Operation:On-None-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes 10/100-ST SM PLUS ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80% Ultraprecision Low Noise 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References Ultraprecision Low Noise/ 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80%
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
NJU7062D NJU7062M NJU7064 NJU7064D NJU7064M NJU706 |
2.048-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 125 LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
ADA4077-1 ADA4077-1ARMZ-R7 ADA4077-1ARZ-R7 ADA4077 |
4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
|
Analog Devices
|
ADR390AUJZ-R2 ADR390AUJZ-REEL7 ADR390BUJZ-REEL7 AD |
2.048 V Micropower Low Noise Precision Voltage References with Shutdown 4.096 V Micropower Low Noise Precision Voltage References with Shutdown
|
Analog Devices
|
ADR370 |
2.048 V Tiny Package Precision Reference
|
Analog Devices
|