PART |
Description |
Maker |
74ABT02PWDH 74ABT02 74ABT02D 74ABT02DB 74ABT02N 74 |
Quad 2-input NOR gate ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2-input NOR gate - Description: Quad 2-Input NOR Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14
|
Atmel, Corp. PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ACTQ32 74ACTQ32SC 74ACTQ32SJ |
Quad 2-input OR Gate ACT SERIES, QUAD 2-INPUT OR GATE, PDSO14 18-Bit LVTTL-To-GTLP Universal Bus Transceiver 56-SSOP -40 to 85 Quiet Series Quad 2-Input OR Gate From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
CD4001BC CD4011BC CD4001BCMX CD4011BCMX CD4001BCM |
From old datasheet system Quad 2-Input NOR Buffered B Series Gate • Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 16-Bit Bus Transceiver And Register With 3-State Outputs 56-TSSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
HD74279P HD74S135P HD7409P HD7438P HD7420P HD7475P |
S-R-Type Latch Quad 2-input XOR/XNOR Gate Quad 2-input AND Gate Quad 2-input NAND Gate Dual 4-input NAND Gate 4-Bit D-Type Latch Magnitude Comparator Dual 4-input NOR Gate Hex Buffer J-K-Type Flip-Flop Excess-3-To-Decimal Decoder TTL HD74/74S Series TTL HD74/HD74S Series Straight Lever 十六进制逆变 CERAMIC CHIP/MIL-PRF-55681 陶瓷芯片/mil-prf-55681 Asynchronous Up Counter 异步设立摊位
|
Hitachi,Ltd. Fairchild Semiconductor, Corp.
|
74VCX32M |
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
74LVC08A 74LVC08AMTR 74LVC08A04 74LVC08AM 74LVC08A |
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE LVC/LCX/Z SERIES, QUAD 2-INPUT AND GATE, PDSO14
|
STMicroelectronics
|
74LCX32SJ 74LCX32MX_NL 74LCX32 74LCX32BQX 74LCX32M |
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs LVC/LCX/Z SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
ACS86MS ACS86KMSR ACS86K ACS86HMSR ACS86DMSR ACS86 |
From old datasheet system Radiation Hardened Quad 2-Input Exclusive OR Gate AC SERIES, QUAD 2-INPUT XOR GATE, UUC16
|
INTERSIL[Intersil Corporation]
|
74VHC32MXNL 74VHC32MTC 74VHC32SJ 74VHC32N |
Quad 2-Input OR Gate AHC/VHC SERIES, QUAD 2-INPUT OR GATE, PDSO14 Quad 2-Input OR Gate
|
Fairchild Semiconductor, Corp.
|