PART |
Description |
Maker |
V7AH-05B330 S7AH-05B S7AH-05B120 S7AH-05B150 S7AH- |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
VRPB-15E VRPB-15E33L |
NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 非隔离式DC / DC转换.5 13.2 V输入0.9 V 5.0V/15 A输出 NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 1-OUTPUT 48.5 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
IRF7473TR |
Telecom and Data-Com 24 and 48V input DC-DC converters
|
International Rectifier
|
VRBC-16F1AL VRBC-16F1A0 VRBC-16F1AW VRBC-16F1AX |
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 1-OUTPUT 58.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 非隔离式DC / DC转换.4 5.5 V输入0.75 3.63 V/16A输出
|
Bel Fuse, Inc. Bel Fuse Inc.
|
IRF7473PBF IRF7473PBF-15 |
Telecom and Data-Com 24 and 48V input DC-DC converters HEXFET Power MOSFET
|
IRF[International Rectifier]
|
UCC20225 UCC20225-Q1 UCC20225QNPLRQ1 UCC20225QNPLT |
<font color=red>[Old version datasheet]</font> Isolated Dual-Channel Gate Driver with Single Input in LGA for Automotive 48V Systems
|
TI store
|
719-0401-01 719-0400-01 717-0501-01 |
200mA Step-Up Converters in 6-Pin SOT23 and TDFN STECKER EINBAU XLR AUDIO SCHWARZ 4POLIG Wide-Input 0.6V Shunt Regulators for Isolated DC-DC Converters STECKER EINBAU XLR音频POLIG
|
TE Connectivity, Ltd.
|
SRCA-08S12L |
ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
VRYB-40T03L VRYB-40T03X |
ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
V7NB-60A16 V7NB-60A160 |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|