PART |
Description |
Maker |
UTV100B |
100 Watts Pk, 28 Volt, Class AB UHF Television - Band IV & V
|
Electronic Theatre Controls, Inc. GHz Technology
|
UMIL10 |
100 Watts, 28 Volts, Class AB or C Defcom 100 - 400 MHz
|
ADPOW[Advanced Power Technology]
|
VAM40 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 12A I(C) | SOT-121VAR 40 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
|
GHZTECH[GHz Technology]
|
1617AB15 |
15 Watts PEP, 26 Volts, Class AB Linear 1600 - 1700 MHz 15 Watts PEP 26 Volts Class AB Linear 1600 - 1700 MHz 15 Watts PEP/ 26 Volts/ Class AB Linear 1600 - 1700 MHz TELCO 25-PAIR PVC 25 FT 1 MALE CNNCTR/1 OPEN
|
List of Unclassifed Manufacturers GHz Technology ETC[ETC] Electronic Theatre Controls, Inc.
|
MS3022 |
1 Watts, 28 Volts Class-C, CW 1.0 to 2.0 GHz
|
Microsemi Corporation
|
UMIL80 |
80 Watts, 28 Volts, Class AB Defcom 200 - 500 MHz
|
http:// GHZTECH[GHz Technology]
|
MPA201 |
0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
|
GHZTECH[GHz Technology]
|
2A8-2 2A8 |
0.5 Watts, 20 Volts, Class A Linear to 2000 MH 5-Pin, Multiple-Input, Programmable Reset ICs
|
List of Unclassifed Manufacturers ETC[ETC]
|
RFP-100-100RW |
Flanged Resistors 100 Watts, 100 ohm
|
Anaren Microwave
|
S100-12 S100-12-2 S100-12-3 |
100 WATTS - 12.5 VOLTS 1.5-30 MHz 100 12.5.5-30兆赫
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|