PART |
Description |
Maker |
ST1200 |
Memory Card IC 256 bit OTP EPROM with Lock-Out
|
ST
|
8XC52 8XC54 8XC58 87C51FB 80C51FA 80C32 83C52 87C5 |
8-bit CMOS (low voltage, low power and high speed) microcontroller families 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQFP44 N-CHANNEL SILICON JUNCTION FET TO72 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 N-CHANNEL SILICON JUNCTION FET TO52 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 XLR Style Audio Connector; Mounting Type:In-Line; Gender:Male-Female Adapter; Approval Bodies:CE; Body Material:Brass; Series:F 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 80C51 8-bit microcontroller family 80C51位单片机系列 Shelf; External Width:19"; Color:Metallic Gray; Keyboard Width Max:16.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 Shelf; External Width:23"; Color:Black; Keyboard Width Max:20.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQCC44 POT 2K OHM 9MM SQ RTANG PLAST 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQCC44 Molded Enclosure, NEMA 4X /UL/IEC Plastic Box, Outdoor, Style B, Plastic Hinge with Snap Action Latch, 27.56 inch Height, 19.67 inch Width, 9.53 inch Depth NEMA BOX B, INDOOR SOLID NEMA BOX B, INDOOR CLEAR POT 100K OHM 9MM SQ PLASTIC DUAL LOW-LEAKAGE PICO AMP DIODE TO72 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless/ low voltage 2.7V.5.5V/ low power/ high speed 33 MHz 80C51 8-bit microcontroller family 8XC51FA/FB/FC/80C51FA8XC51RA /RB /RC /RD /80C51RA 8K 4K/256K OTP/ROM/ROMless,low voltage, low power, high speed (33 MHz)(80C51 8位微控制器系列产 80C51 8-Bit Microcontroller Family (8K ROM,Low Voltage (2.7V-5.5V), Low Power, High Speed (33 MHz) )(80C51 8位微控制器系列产
|
http:// NXP Semiconductors N.V. Philips Semiconductors
|
24C02SC 24C01SC/WF 24C02SC/W08 |
串行EEPROM的| 256X8 |CMOS |晶圆 SERIAL EEPROM|128X8|CMOS|WAFER The 24C02SC is a 2K bit Electrically Erasable PROM with bondpad positions optimized for smart card specific applications. The 24C02SC is organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire seria
|
Microchip
|
P80C58UFPN P80C58UBBB P87C51RC4A P87C51RC4B P87C51 |
80C51 8-bit microcontroller family 8K-64K/256-1K OTP/ROM/ROMless. low voltage 2.7V-5.5V). low power. high speed (33 MHz) 80C51位单片机系列8K-64K/256-1K检察官办公光盘/无ROM。低电压2.7V.5V)。低功耗。高速(33兆赫 80C51 8-bit microcontroller family 8K-64K/256-1K OTP/ROM/ROMless. low voltage 2.7V-5.5V). low power. high speed (33 MHz) 80C51位单片机系列8K-64K/256-1K检察官办公光盘/无ROM。低电压.7V.5V)。低功耗。高速(33兆赫 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless/ low voltage 2.7V.5.5V/ low power/ high speed 33 MHz (360.35 k) 80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
|
NXP Semiconductors N.V. Philips Semiconductors
|
AM42DL3244GB55IT AM42DL32X4G |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
|
Advanced Micro Devices
|
AM42DL16X4D AM42DL1614DB85IT AM42DL1614DT85IT AM42 |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
P87C453EBAA 83C453 87C453 P83C453EBAA |
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
|
PHILIPS[Philips Semiconductors]
|
EN29GL256H EN29GL256H-90ZIP EN29GL256L-90BAIP EN29 |
256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
|
Eon Silicon Solution Inc.
|
MU9C4320L MU9C4320L-70TDC MU9C4320L-70TDI MU9C4320 |
90ns 3.3V 256 x 64bit ATMCAM 70ns 3.3V 256 x 64bit ATMCAM 120ns 3.3V 256 x 64bit ATMCAM 4K x 32 Content Addressable Memory (CAM) with a 32-bit wide data interface
|
MUSIC Semiconductors ETC N.A.
|
AM29LV400B100WACB AM29LV400B150WACB AM29LV400B90RW |
4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 100ns 4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 150ns 4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 90ns
|
Advanced Micro Devices
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
87C576 P87C576EBAA P87C576EBBB P87C576EFAA P87C576 |
80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer 80C51 8-bit microcontroller family 8K/256 OTP/ROM/ 6 channel 10-bit A/D/ 4 comparators/ failure detect circuitry/ watchdog timer
|
NXP Semiconductors Philips Semiconductors
|
|