PART |
Description |
Maker |
CY7C1353 7C1353 |
256Kx18 Flow-Through SRAM with NoBL Architecture(B>NoBL结构56Kx18流通式 静态RAM) From old datasheet system
|
Cypress Semiconductor Corp.
|
CY7C1352G-250AXI CY7C1352G CY7C1352G-133AXC CY7C13 |
4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture 256K X 18 ZBT SRAM, 4 ns, PQFP100
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
K7P401823M-HC700 K7P401823M K7P40361823M |
128Kx36 & 256Kx18 Synchronous Pipelined SRAM Data Sheet 256K X 18 STANDARD SRAM, 7 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119
|
Samsung Electronic
|
K7A403609A K7A401809A K7A403609B |
256K x 18-Bit Synchronous Pipelined Burst SRAM Data Sheet 128K x 36-Bit Synchronous Pipelined Burst SRAM Data Sheet 128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM 128Kx36/x32 & 256Kx18 Synchronous SRAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
K7P401823B |
128Kx36 & 256Kx18 SRAM
|
Samsung semiconductor
|
K7A403200B K7A403200B-QC K7A403201B K7A403201B-QC |
256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM 128Kx36/x32 & 256Kx18 Synchronous SRAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
K7A403609B06 |
128Kx36/x32 & 256Kx18 Synchronous SRAM
|
Samsung semiconductor
|
KM718FV4021H-5 KM718FV4021H-6 KM718FV4021H-7 KM736 |
(KM736FV4021 / KM718FV4021) 128Kx36 & 256Kx18 Synchronous Pipelined SRAM
|
SAMSUNG[Samsung semiconductor] Samsung Electronic
|
AS7C33256FT18B AS7C33256FT18BV.1.4 AS7C33256FT18B- |
3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 8 ns, PQFP100 3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 10 ns, PQFP100 3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 6.5 ns, PQFP100 Sync SRAM - 3.3V From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
GS882Z18AB-250 GS882Z18AB-133 GS882Z18AD-133 GS882 |
250MHz 5.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 133MHz 8.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 166MHz 7ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 200MHz 6.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 200MHz 6.5s 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|