PART |
Description |
Maker |
PIC16F84A-20_P PIC16F84A PIC16LF84A-04_PQTP PIC16L |
IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,18PIN,PLASTIC From old datasheet system 18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
Z8PE002SZ010EC Z8PE002SZ010SC Z8PE002CZ010EC |
FEATURE-ENHANCED Z8PLUS 0.5K ROM ONE-TIME PROGRAMMABLE(OTP) MICROCONTROLLER 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PDSO18
|
ZiLOG, Inc. ZILOG INC
|
AT89C51AC3-SLSUM |
Enhanced 8-bit Microcontroller with 64KB Flash Memory 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQCC44
|
Atmel, Corp.
|
UPD703111GM-13-UEU UPD703111GM-10-UEU UPD703081 UP |
32-bit RISC microcontroller (V850E/ME2) 32-bit microcontroller incorporating controller for driving automobile meter 100-pin general-purpose 32-bit single-chip microcontroller (V850ES/SG2) 100-pin version with on-chip IEBus 32-bit SC microcontroller (V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1) 100-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SG2) 100pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1 ) Ultra-low-voltage 32-bit RISC microcontroller 144-pin general-purpose 32-bit single-chip microcontroller (V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 144-pin IEBus inclusion 32-bit single-chip microcontroller(V850ES/SJ2) 144-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SJ2) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1 ) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1 ) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 32-bit RISC single-chip microcontroller(V850/SB1:Low-noise Enhanced version ) 32-bit RISC single-chip microcontroller(V850/SB2:Low-noise Enhanced version) UPD703229Y Series 32-bit single-chip microcontroller with V850ES core 144pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1 ) 100-pin version with on-chip IEBus 32-bit SC microcontroller(V850ES/SG2) 100-pin version with on-chip CAN 32-bit single-chip microcontroller (V850ES/SG2) 32-bit RISC single-chip microcontroller Inclusion delta-sigma modulation A/D
|
NEC
|
PIC16HV540-20I_JW PIC16HV540-20I_P PIC16HV540-20I_ |
Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|18PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS |专科| 18PIN |塑料
|
Microchip Technology, Inc.
|
16LF84A |
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
|
Microchip
|
AT89C51CC01CA-RLTUM AT89C51CC01CA-SLSUM |
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
|
ATMEL Corporation
|
PIC16F84A-04I/SO PIC16F84A-04I/SS PIC16F84A-04I/P |
18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller 18引脚增强型闪 EEPROM位微控制
|
Microchip Technology, Inc.
|
ADUC7124 ADUC7126 |
ADuC7124/ADuC7126: Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler Silicon Anomaly (Rev A, 10/2011) ADuC7124/ADuC1726: Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler Datasheet (Rev C, 05/2012)
|
Analog Devices
|
UPD17225MC-XXX-5A4-A UPD17225CT-XXX UPD17225GT-XXX |
4-BIT, MROM, MICROCONTROLLER, PDSO30 4-BIT, MROM, MICROCONTROLLER, PDIP28 4-BIT, MROM, MICROCONTROLLER, PDSO28 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
|
Renesas Electronics Corporation
|
ST7FLITE-SK/RAIS ST7PLITE02F0U6TR ST7PLITES5Y0M6 S |
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 8-BIT, MROM, 16 MHz, MICROCONTROLLER, QCC20 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO16 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP16
|
STMicroelectronics
|