PART |
Description |
Maker |
TEL-2D20 |
VCSEL for gener al purpose
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
TMC-4F20 |
VCSEL TO-46 metal can for gener al purpose
|
Electronic Theatre Controls, Inc.
|
2SK1450 |
20 A, 450 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3PB N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
Sanyo
|
ENA0889 MCH6438 |
P-Channel Silicon MOSFET General-Purpose Switching Device Applications 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
2SK383204 2SK3832 |
30 A, 100 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
CMLM0205 |
MULTI DISCRETE MODULESURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE 280 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
2SJ594 2SJ594TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-252VAR P-Channel Silicon MOSFET DC / DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|
2SJ596 2SJ596TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 8A I(D) | TO-252VAR P-Channel Silicon MOSFET DC / DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
2SK1014-01 |
PTSE 8C 8#20 PIN RECP 12 A, 500 V, 0.74 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL SILICON POWER MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
|