PART |
Description |
Maker |
ZL50112GAG2 ZL5011008 |
128, 256, 512 and 1024 Channel CESoP Processors
|
Zarlink Semiconductor Inc
|
S29PL127N65GAWW02 S29PL127N65GAW003 S29PL127N65GAI |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 65 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 256/128/128字节6/8/8 M中的x 16位).0伏的CMOS只同步读/写,页模式闪 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 70 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 70 ns, PBGA84 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 65 ns, PBGA84
|
Spansion, Inc. Spansion Inc. SPANSION LLC
|
MC92305 MC92305CD |
16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER 16/32/64/128/256的QAM接收器和Reed - Solomon解码
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
IDT72201L20J IDT72201L20JB IDT72211L20J IDT72211L2 |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 CMOS SyncFIFOO 64 X 9 256 x 9 512 x 9 1024 X 9 2048 X 9 and 4096 x 9 CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
|
IDT[Integrated Device Technology]
|
S29PL129N70FFW002 S29PL127N65GFIW02 |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION
|
S29PL256N65FAWW02 S29PL129N65FAWW00 S29PL256N65FAW |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION[SPANSION]
|
IDT72221L20LB IDT72201L50LB IDT72201L15L |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 1K X 9 OTHER FIFO, 12 ns, CQCC32 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 256 X 9 OTHER FIFO, 25 ns, CQCC32
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
UPD2101AL UPD2101AL-2 UPD2101AL-4 |
1024 BIT (256 X 4) STATIC MOS RAM WITH SEPARATE I/O
|
NEC
|
PCF85 PCF8582C-2P PCF8582C-2T PCF8594C-2P |
PCF85xxC-2 family 256 to 1024 ? 8-bit CMOS EEPROMs with I2C-bus interface
|
Integrated Circuit Systems
|
SLA24C01-D-3/P SLA24C02-D-3/P SLA24C02-S-3/P SLA24 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
|
SIEMENS A G SIEMENS AG Siemens Semiconductor Group
|