PART |
Description |
Maker |
XCR5128C-12VQ100C XCR5128C-12VQ100I XCR5128C-15VQ1 |
128 Macrocell CPLD with Enhanced Clocking
|
XILINX[Xilinx, Inc]
|
XCR3128A-10TQ128C XCR3128A-10TQ128I XCR3128A-10VQ1 |
CPLD with Enhanced Clocking EE PLD, 10 ns, PQFP100
|
Xilinx, Inc. XILINX[Xilinx, Inc]
|
XC95144-7PQG100C XC95144-10PQG100C XC95144-15PQG10 |
XC95144-10TQG100C XC95144-7PQG160C 144 MACROCELL 5 VOLT ISP CPLD FLASH PLD, 10 ns, PQFP160 In-System Programmable CPLD Enhanced pin-locking architecture
|
XILINX INC Xilinx, Inc.
|
XC9536-5VQ44C XC9536 XC9536-10 XC9536-10CS48C XC95 |
XC9536: 5V ISP CPLD Family Product Specification From old datasheet system XC9536 In-System Programmable CPLD FLASH PLD, 5 ns, PBGA48 XC9536 In-System Programmable CPLD XC9536在系统可编程的CPLD XC9536 In-System Programmable CPLD FLASH PLD, 10 ns, PQCC44 XC9536 In-System Programmable CPLD FLASH PLD, 15 ns, PQCC44
|
XILINX[Xilinx, Inc] Xilinx, Inc. XILINX INC
|
XCR3512XL-7PQ208I XCR3512XL XCR3512XL-10FT256I XCR |
XCR3512XL: 512 Macrocell CPLD EE PLD, 10 ns, PBGA324 XCR3512XL: 512 Macrocell CPLD EE PLD, 7.5 ns, PQFP208 XCR3512XL: 512 Macrocell CPLD EE PLD, 10 ns, PBGA256 XCR3512XL: 512 Macrocell CPLD
|
XILINX INC Xilinx, Inc. XILINX[Xilinx, Inc]
|
DS023 XCR3032XL XCR3032XL-7 XCR3032XL-10 XCR3032XL |
Lowest power 32 macrocell CPLD XCR3032XL 32 Macrocell CPLD
|
XILINX[Xilinx, Inc] XILINX[Xilinx Inc] Xilinx, Inc.
|
XCR3128-15VQ84C XCR3128-15VQ84I XCR3128-15VQ128I X |
XCR3128: 128 Macrocell CPLD XCR312828个宏单元CPLD XCR3128: 128 Macrocell CPLD EE PLD, 10 ns, PQFP160 XCR3128: 128 Macrocell CPLD EE PLD, 10 ns, PQFP100 XCR3128: 128 Macrocell CPLD EE PLD, 15 ns, PQFP100 XCR3128: 128 Macrocell CPLD XCR3128128个宏单元CPLD
|
Xilinx, Inc.
|
ICS9250-37 |
P4 Single Chip Clock, w/ 4 Differential Pairs w/ I2C & Over Clocking (P)
|
ICS
|
XCR3032-8VQ44C XCR3032-8VQ44I XCR3032-12PC44C XCR3 |
32 Macrocell CPLD EE PLD, 15 ns, PQCC44 32 Macrocell CPLD 32宏单元CPLD 32 Macrocell CPLD EE PLD, 15 ns, PQFP44 32 Macrocell CPLD EE PLD, 12.5 ns, PQFP44 32 Macrocell CPLD EE PLD, 10.5 ns, PQCC44 32 Macrocell CPLD EE PLD, 12.5 ns, PQCC44
|
Xilinx, Inc. XILINX INC
|
XC95288XL-10FGG256C XC95288XL-10FGG256I XC95288XL- |
3.3V 288-mc CPLD FLASH PLD, 10 ns, PBGA256 3.3V 288-mc CPLD FLASH PLD, 6 ns, PBGA256 3.3V 288-mc CPLD FLASH PLD, 7.5 ns, PQFP144 6 ns pin-to-pin logic delays
|
Xilinx, Inc. XILINX INC
|
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742 |
IC MAX 9000 CPLD 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic IC family:Programmable; Logic IC Base Number:30; Logic IC function:Programmable; Case style:PQFP; Base number CPLD. MAX 7000, 256 MACROCELLS, PQFP208; Logic IC family:CPLD (EPLD); Logic IC Base Number:7256; Logic IC function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic IC family:Programmable; Logic IC Base Number:10; Logic IC function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; IC Generic RoHS Compliant: Yes MAX 3000A CPLD 128 MC 144-TQFP MAX 3000A CPLD 32 MC 44-PLCC MAX II CPLD 1270 LE 256-FBGA CPLD. MAX 7000, 192 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7192; Logic IC function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP MAX 7000 CPLD 32 MC 44-PLCC CPLD 256CELLS 161/O 10NS [256/FBGA] CPLD. MAX 7000, 160 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7160; Logic IC function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes IC ACEX 1K FPGA 50K 256-FBGA 通信集成电路 IC ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
Carlo Gavazzi
|
ATF2500C ATF2500C-20JI ATF2500C-20PC ATF2500C-15JC |
ATF2500C CPLD Family Datasheet ATF2500C CPLD Family Datasheet High-performance, High-density, Electrically-erasable Programmable Logic Device
|
ATMEL Corporation 聚兴科技股份有限公司
|
|