PART |
Description |
Maker |
A29L160TG-120 A29L160UM-90 A29L160UV-90 A29L160UM- |
122 x 32 pixel format, LED Backlight available 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory LOGIC PROBE 50MHZ Bench Power Supply; Output Current:3.3A; Calibrated:No; Line Regulation Constant Voltage:50 mV; Load Regulation Constant Voltage:0.5% 200 mV; Ripple Voltage:25mV; Supply Voltage Max:265VAC; Supply Voltage Min:100VAC 128 x 64 pixel format, LED Backlight available Replaced by PT78NR152,PT78ST153 : 5.25Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 240 x 128 pixel format, CFL Backlight with power harness
|
AMIC Technology Corporation
|
STM1810M STM1810TWX7F STM1811L STM1817R STM1817S S |
240 x 128 pixel format, LED or EL Backlight 低功耗复位电 Low Power Reset Circuit 低功耗复位电 RES 220-OHM 1% 0.10W 200PPM THK-FILM SMD-0805 TR-7-PA
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
A29L320UG-90U A29L320UV-90U A29L320UV-90UF A29L320 |
240 x 128 pixel format, LED or EL Backlight 4米8 2米16位CMOS 3.3伏只,引导扇区闪 4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory 4米8 2米16位CMOS 3.3伏只,引导扇区闪 640 x 200 pixel format, TAB configuration, 2.8mm total thickness 4米8 2米16位CMOS 3.3伏只,引导扇区闪 ADAPTER DC/AC CURRENT CLAMP 4米8 2米16位CMOS 3.3伏只,引导扇区闪 480 x 320 pixel format, White LED Backlight 4米8 2米16位CMOS 3.3伏只,引导扇区闪 Lucasey Mounting Systems Mobile Equipment Carts, Platform Dimensions: (W x D) 24 x 18 , Load Capacity: 120 lbs, Finish: Black, Material: Welded Steel, Features: 4 heavy duty casters with locking brakes CARRYING CASE FOR HV-44 PROBE CRT UNIVERSAL TESTER ADAPTOR Color HVGA display (640 x 240 pixels), CCFT Backlight with power harness ADAPTORS FOR MODELS #490 AND 480, MANUFACTURER NUMBER: CR3 ACCESSORY POUCH FOR B&K PRECISION 1420/1422 SERIES TEST INSTRUMENTS RoHS Compliant: NA ADAPTER 20PIN PAL FOR BK842/843 MODULE FOR PIC BK846/847 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
KDZ3.0V KDZ4.7V KDZ6.8V KDZ4.3V KDZ5.1V KDZ8.2V KD |
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) 40 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 240 x 64 pixel format, CFL, LED, or EL Backlight available 240 x 320 pixel format, White Edge LED backlight
|
KEC[KEC(Korea Electronics)] Korea Electronics (KEC) KEC Holdings
|
BAS19-T1 BAS19-T3 BAS19 BAS21-T3 BAS20-T1 BAS20-T3 |
SURFACE MOUNT FAST SWITCHING DIODE 表面贴装快速开关二极管 128 x 128 pixel format, LED or EL Backlight available
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
02CZ4.7Y 02CZ5.1X 02CZ5.1Y 02CZ5.1Z 02CZ27 02CZ4.3 |
5015 RR 26#16 SKT PLUG L/C 240 x 64 pixel format, EL and LED backlight 40 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor CAP 4700PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 5015 RR 26#16 PIN PLUG Chip-on-Glass (COG) Technology, 8 Character x 1 Line 二极管(恒压规例中的应用。参考电压应用。) DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.) 二极管(恒压规例中的应用。参考电压应用。) Fixed bridge, 10-pos. - FB 10- URTK/SP 二极管(恒压规例中的应用。参考电压应用。) 8 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 二极管(恒压规例中的应用。参考电压应用。) 240 x 64 pixel format, CFL, LED, or EL Backlight available 二极管(恒压规例中的应用。参考电压应用。) 240 x 320 pixel format (portrait mode), Compact LCD size
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation Toshiba, Corp.
|
MBM29LV651UE12TR MBM29LV651UE90TR MBM29LV651UE-12 |
64M (4M x 16) BIT 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 64M (4M x 16) BIT 64M号(4米16)位 AGM3224D equivalent, 320 x 240 pixel format 4M X 16 FLASH 3V PROM, 120 ns, PDSO48 DC-DC Converter; Supply Voltage:12V; Output Voltage:3.3V; Number of Outputs:1; Power Rating:20W; Mounting Type:PC Board; Series:WPN20R 320 x 240 pixel format, LED or CFL Backlight
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
NJU7200 NJU7200L10 NJU7200L11 NJU7200L12 NJU7200L2 |
4.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PBCY3 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 240 x 64 pixel format, LED, or EL Backlight available 超低工作电流的C - MOS三端电压调节 240 x 64 pixel format, CFL, LED, or EL Backlight available 超低工作电流的C - MOS三端电压调节 SUPER LOW OPERATING CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
CM200TU-12H |
HIGH POWER SWITCHING USE INSULATED TYPE 240 x 128 pixel format, CFL Backlight with power harness
|
Mitsubishi Electric Sem... MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
MSB2310TK-5B |
128 x 64 pixel format, LED or EL Backlight available 5MM OVAL TYPE HIGH BRIGHTNESS RED LED LAMP
|
MICRO-ELECTRONICS[Micro Electronics]
|