PART |
Description |
Maker |
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
PBSS5350SS PBSS4350SPN PBSS4350SS PBSS5350SS115 |
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V. Philips Semiconductors NXP[NXP Semiconductors]
|
PBSS5120T PBSS5120T215 |
20 V; 1 A PNP low VCEsat (BISS) transistor; Package: SOT23 (TO-236AB); Container: Tape reel smd 20 V, 1 A PNP low VCEsat (BISS) transistor 20 V 1 A PNP low VCEsat (BISS) transistor
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
ZXT10P20DE6 ZXT10P20DE6TA ZXT10P20DE6TC |
PNP Low Sat Transistor 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
|
ZETEX[Zetex Semiconductors] Diodes Incorporated
|
ZXTDE4M832TC ZXTDE4M832 ZXTDE4M832TA |
NPN & PNP Low Sat Transistor DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
|
ZETEX[Zetex Semiconductors]
|
DSS5540X-13 |
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR 4000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
2SA733G-X-AE3-R 2SA733G-X-AL3-R 2SA733G-X-T92-B 2S |
LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
ZTX1147A |
PNP Low Sat Transistor PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
ZETEX[Zetex Semiconductors] Diodes Incorporated
|
ZTX749 ZTX749D26Z ZTX749D27Z ZTX749J61Z |
PNP Low Saturation Transistor; Package: TO-226; No of Pins: 3; Container: Bulk 2000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AE
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|