PART |
Description |
Maker |
1N4001G-1N4007G BY133G |
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
|
Shenzhen Taychipst Electronic Co., Ltd
|
NS8GT NS8BT NS8AT NS8DT NS8MT NS8JT NS8KT |
GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
1N4246GP 1N4247GP 1N4248GP 1N4245 1N4245GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V General Purpose Plastic Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|
CPR4-060 CPR4-040 |
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 600 VOLTS
|
Central Semiconductor Corp
|
GBL400G GBL401G GBL406G |
4.0Amp GLASS PASSIVATED BRIGGE Rectifiers GLASS PASSIVATED
|
First Components International First Components Intern...
|
EGP30A- EGP30J EGP30A |
Fast Rectifiers (Glass Passivated) 3.0 Ampere Glass Passivated High Efficiency Rectifiers(平均整流电流3.0安培高效率玻璃钝化整流器)
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
AB80-C1500RG AB380-C1500RG AB250-C1500RG AB40-C150 |
200 V, 1.5 A Avalanche glass passivated bridge rectifier 900 V, 1.5 A Avalanche glass passivated bridge rectifier 600 V, 1.5 A Avalanche glass passivated bridge rectifier 100 V, 1.5 A Avalanche glass passivated bridge rectifier
|
EIC discrete Semiconductors
|
15SMC68A 1.5SMC10A 1.5SMC100A 1.5SMC8.2A 1.5SMC6.8 |
TVS: Unidirectional Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(?荤┛?靛?9.1V,????荤???????????靛?????? UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压9.1V,单向玻璃钝化节点瞬变电压抑制 FLK 14/EZ-DR/1000 KONFEK Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压6.8V,单向玻璃钝化节点瞬变电压抑制 Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压8.2V,单向玻璃钝化节点瞬变电压抑制 UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 6.8 THRU 200 VOLTS
|
Taiwan Semiconductor Central Semiconductor, Corp. Central Semiconductor Corp. Central Semiconductor C...
|
S3K-13 S3MB |
Glass Passivated Die Construction 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Diodes Incorporated
|
CPD0410 |
General Purpose Rectifier 500mA Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
GP10M GP10A GP10B GP10D GP10G GP10J GP10K |
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x9 mm; Packaging: Bulk Glass Passivated Junction Rectifiers 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|