PART |
Description |
Maker |
AN1335 |
ST10F280 is a new member of ST10 family
|
STMicroelectronics
|
AT91SAM9260 AT91SAM9260-QU |
The AT91SAM9260 is the first member of a pin-compatible ARM9-based microcontroller family that shares the same
|
ATMEL Corporation
|
AT91C140 |
The AT91C140 is a member of the 16- and 32-bit microcontroller family based on the ARM7TDMI processor and integrates Ethernet bridge ...
|
Atmel
|
ATSAM3108 |
Eight-channel Multiprocessing Audio DSP The ATSAM3108 is a member of the new ATSAM3000 family that uses DSP array technology. The ...
|
Atmel
|
C505C SAFC505C-2RM SABC505C-LM SAFC505C-LM SAKC505 |
8-Bit Microcontrollers - General Description: The C505C enhances the C500 family of 8-bit Microcontrollers by a new member which provides full CAN version 2.0 B integrated on-chip. The C505C meets the current requirements for increasingly
|
Infineon
|
EP1K30TC144-3 EP1K50QC20 EP1K10TC10 EP1K50QC208-1 |
Programmable Logic Device Family
Acex 1K Device Family (2.5V) IC,FPGA,72-CELL,CMOS,QFP,144PIN,PLASTIC
|
Altera
|
ATL35 |
The ATL35 series ASIC family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t
|
Atmel
|
XC4VLX40 XC4VLX100 XC4VLX15 XC4VLX160 XC4VLX200 XC |
High-performance logic applications solution Virtex-4⑩ Family / newest generation FPGA VIRTEX-4⒙ FAMILY / NEWEST GENERATION FPGA Virtex-4??Family / newest generation FPGA Virtex-4 Family / newest generation FPGA Virtex-4?/a> Family / newest generation FPGA
|
XILINX[Xilinx, Inc] http://
|
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
ST62T20 ST62T25 ST62T28 ST62T52 ST62T53 ST62T55 ST |
EPROM PROGRAMMING BOARDS DATASHEET FOR ST62 FAMILY 16-Bit Bus Transceivers And Registers With 3-State Outputs 56-SSOP -40 to 85 32Mb CellularRAM EPROM编程议会部件的ST62家庭 EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY EPROM编程议会讨论ST62单片机系 EPROM PROGRAMMING BOARDS DATASHEET FOR ST62 FAMILY EPROM编程议会部件的ST62家庭
|
http:// ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 Microchip Technology, Inc. STMicroelectronics N.V.
|
AMD-K6-166ALR AMD-K6233AFR AMD-K6200AFR AMD-K6300A |
Processor AMD-K6 family, operating voltage=3.1V.3V, 166MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 233MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 200MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 300MHz
|
Advanced Micro Devices
|