PART |
Description |
Maker |
MC33091A |
HIGH-SIDE TMOS DRIVER
|
Motorola, Inc
|
MCZ33198 |
Automotive High-Side TMOS Driver
|
Freescale Semiconductor
|
IR21814 IR2181S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
VND670SP13TR VND670SP08 VND670SP |
Dual high-side switch with dual Power MOSFET gate driver(bridge configuration)
|
STMicroelectronics
|
VNQ810 VNQ81013TR |
QUAD CHANNEL HIGH SIDE DRIVER IC,PERIPHERAL DRIVER,4 DRIVER,BICMOS,SOP,28PIN,PLASTIC QUAD CHANNEL HIGH SIDE DRIVER
|
ST Microelectronics STMicroelectronics
|
PC33286DW MC33286 |
Automotive Dual High Side Driver
|
Freescale Semiconductor, Inc
|
AM29827DM AM29828DM AM29828PCB AM29828ADC AM29828A |
Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1041LPBF with Standard Packaging 600V Non Punch Through, Short Circuit Rated IGBT in a D-Pak package.; Similar to IRGR3B60KD2 with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; Similar to IRGB10B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL10B60KD with Lead Free Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D-Pak Package; A IPS1031R with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in an SO-8 Package; A IPS1052GPBF with Standard Packaging 600V Fast 1-8 kHz Copack IGBT in a TO-220AB package; Similar to IRG4BC20MD with Lead Free Packaging 600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package; A IRG4BC20KD-S with Standard Packaging 600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package; A IRG4PC30KD with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS7091GPBF with Standard Packaging Programmable Current Sense High Side Switch in a 5-Lead D2-Pak Package; A IR3314SPBF with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1051LPBF with Standard Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D2-Pak Package; A IPS1031S with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a TO-220 Package; A IPS7091PBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak Package; A IPS6031SPBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS6041GPBF with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; A IRG4PC50UD with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; Similar to IRG4PC50UD with Lead Free Packaging Programmable Current Sense High Side Switch in a 5-Lead TO-220 Package; A IR3315PBF with Standard Packaging 10位缓冲器/驱动 10-Bit Buffer/Driver 10位缓冲器/驱动
|
Fairchild Semiconductor, Corp. Advanced Micro Devices, Inc.
|
IRS21856SPBF |
High(Dual Mode) and Low Side Driver
|
International Rectifier
|
SC1302B SC1302BIMSTR |
1.6 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO8 Dual High-speed Low-side MOSFET Driver
|
SEMTECH
|
VND810SP VND810SP13TR |
20 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 双通道高边驱动 DOUBLE CHANNEL HIGH SIDE DRIVER DOUBLE CHANNEL HIGH SIDE DRIVER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|