PART |
Description |
Maker |
DS83C520-QCL |
EPROM/ROM High-Speed Micro
|
Dallas Semiconducotr
|
DS87C520 DS87C520-WCL DS83C520 DS83C520-ECL DS83C5 |
EPROM/ROM High-Speed Micro
|
DALLAS[Dallas Semiconductor]
|
DS87C5301 DS87C530 DS87C530-KCL DS83C530-QCL DS87C |
EPROM/ROM Micro with Real Time Clock
|
Dallas Semiconductor
|
PIC17C42A-16/PQ |
High-performance 8-Bit CMOS EPROM, ROM microcontroller
|
Microchip Technology
|
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
AM27H256 |
256K High Speed CMOS EPROM
|
Advanced Micro Devices
|
IS27HC010 IS27HC010-30PL IS27HC010-30PLI IS27HC010 |
131,072 x 8 HIGH-SPEED CMOS EPROM
|
Integrated Silicon Solution, Inc
|
AT27BV400-15TI AT27BV400 AT27BV400-12JC AT27BV400- |
High Speed CMOS Logic 8-Stage Synchronous Down Counters 16-SOIC -55 to 125 256K X 16 OTPROM, 120 ns, PDSO48 4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM 256K X 16 OTPROM, 150 ns, PDSO48
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
TMP90C801 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating 8-Bit CPU,RAM,ROM,General Serial Interface,Timer/Event Counter(高速、先进的 CMOS 8位微控制器(芯片集成位CPU,ROM,RAM,通用串行接口,定时器/事件计数器))
|
Toshiba Corporation
|
2N5007 2N5009 27C040 |
HIGH SPEED PNP TRANSISTOR 4 MEG COMS EPROM(512K x 8)
|
ETC PHILIPS[Philips Semiconductors]
|
AT27BV020-15VI |
2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
|
ATMEL Corporation
|
AT27BV020-90JI AT27BV020-90JU AT27BV020-90TU AT27B |
2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
|
ATMEL Corporation
|