PART |
Description |
Maker |
BCM56802 |
16-PORT 10-GBE/HIGIG2 MULTILAYER SWITCH 16端口10-GBE/HIGIG2多层交换
|
Broadcom, Corp.
|
BCM56803 BCM56504 |
12-PORT 10-GBE/HIGIG2 MULTILAYER SWITCH
|
BOARDCOM[Broadcom Corporation.]
|
BCM56102 |
24-PORT FAST ETHERNET AND 2-PORT GBE MULTILAYER SWITCH WITH TWO 10-GBE/HIGIG PORTS
|
Broadcom Corp.
|
BCM56801 |
10-PORT 10-GIGABIT ETHERNET AND 8-PORT HIGIG2/10GBE MULTILAYER SWITCH 10端口10-GIGABIT以太网和8端口HIGIG2/10GBE多层交换
|
Broadcom, Corp.
|
BCM56511 |
FOUR-PORT 10-GBE/HIGIG MULTILAYER SWITCH 4端口10-GBE/HIGIG多层交换
|
Broadcom Corp. Broadcom, Corp.
|
BCM56501 BCM5675 |
FOUR-PORT 10-GbE/HiGig MULTILAYER SWITCH
|
BOARDCOM[Broadcom Corporation.]
|
HDMP-0480 |
HDMP-0480 · 1.0625-1.25 GBd Octal Port Bypass Circuit without CDR for Fibre Channel/Storage and GbE Applications Octal Cell Port Bypass Circuit without Clock and Data Recovery
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
BCM56580 |
16 x 2.5 GbE 4 x 10 GbE ETHERNET MULTILAYER SWITCH
|
Broadcom Corporation
|
ESP-9110-F0AF0E ESP-9110-F0AS0E ESP-9110-14 ESP-91 |
1U Rackmount Enterprise-Class Switch with combo port flexibility:16 x 1000BASE-T/TX, 24 x GbE SFP &4 x 10GbE SFP
|
Advantech Co., Ltd.
|
HDMP-0440 |
Voltage Regulator IC; Output Current:100mA; Output Voltage:6.2V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole; Supply Voltage:35V HDMP-0440 · 1.0625-1.25 GBd Quad Port Bypass Circuit without CDR for Fibre Channel/Storage and GbE Applications
|
Agilent (Hewlett-Packard)
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|