PART |
Description |
Maker |
B82422-A1102-100 B82422-A1103-100 B82422-A1104-100 |
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
|
EPCOS AG EPCOS[EPCOS]
|
C1210C474K5RACTU |
Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, /-10% Tol, 50 V, X7R, 1210 (3225 metric)
|
Kemet Corporation
|
B82432-T |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
|
EPCOS[EPCOS]
|
B82432-H1224-K B82432-H1333-K B82432-H1334-K B8243 |
High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
|
EPCOS[EPCOS]
|
B82442-H1332-K B82442-H1102-K B82442-H1103-K B8244 |
INDUCTOR 2220H 6.8UH 电感2220H 6.8UH High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
|
EPCOS AG EPCOS[EPCOS]
|
LQH32MN4R7K23L LQH32MN1R0M23L LQH32MN330J23L LQH32 |
INDUCTOR 4.7UH 10% 270MA 1210 INDUCTOR 1.0UH 20% 445MA 1210 INDUCTOR 33UH 5% 115MA 1210 1 ELEMENT, 470 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 390UH 5% 50MA 1210
|
MURATA MANUFACTURING CO LTD
|
FTA FTA-3Z FTA-6Z |
FTA Small Size IEC Filter IEC Filter Small Size
|
PREMO CORPORATION S.L
|
ATCC-211B-016-106 ATCC-211B-025-475 ATCC-211B-004- |
Meets EIA-535BAAC standard, Large capacitance in small size
|
Abracon Corporation
|
LC9946 |
1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device
|
http:// SANYO[Sanyo Semicon Device]
|
LC9947G |
1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device
|
SANYO[Sanyo Semicon Device]
|
MC3488ADR2 1N4001FF |
Dual EIA-423/EIA-232D Line Driver 1A 50V Standard Rectifier
|
ON Semiconductor
|