PART |
Description |
Maker |
ISL832304 ISL8323 ISL8323IBZ-T |
Low-Voltage, Single Supply, Dual SPST Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Intersil, Corp. Intersil Corporation
|
X40231S16I-BT1 X40239S16I-AT1 X40237S16I-AT1 |
Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 3-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Intersil, Corp. INTERSIL CORP
|
ISL4314305 ISL43145IVZ ISL43143 ISL43143IR ISL4314 |
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PQCC16
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
TA8044AF |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 3.3 / 5V的双电压调节器,带有看门狗定时器 3.3V / 5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMER
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
LT1169CN8PBF |
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 4000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDIP8
|
Linear Technology, Corp.
|
LT1462CS8TRPBF |
Dual/Quad Micropower, 260µW C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 2800 uV OFFSET-MAX, 0.14 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
ISL4323106 ISL43231IRZ ISL43231IR ISL43231 ISL4323 |
Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch(浣??锛??/???婧??涓?矾??????妯℃?寮?? Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R
|
INTERSIL[Intersil Corporation]
|
2SC4669 2SC4668 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7A条一(c)|52 Low-Saturation Voltage Switching Transistors / LSV Series (Surface Mount)
|
Shindengen Electric Manufacturing Co., Ltd.
|
50007M12LNF 50007M12BSLNF 50007PABSLNF 50007PALNF |
GLAND D/TOP M12 3-6.5MM Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits KABELVERSCHRAUBUNG POLYAMID PG7 GRAU KABELBIEGESCHUTZSPIRALE PG11 GRAU Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits / TOP中M16赛车5 - 10毫米 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits / TOP中M253 - 18毫米 GLAND D/TOP M20 10-14MM
|
3M Company
|
LT1497CS8TRPBF |
Dual 125mA, 50MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 15000 uV OFFSET-MAX, PDSO8
|
Linear Technology, Corp.
|
2SA1787E 2SC4650D 2SC4490C 2SC4490F 2SC4650F 2SA16 |
TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 100MA I(C) | SC-71 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 100MA I(C) | SC-71 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 50MA I(C) | TO-92 晶体管|晶体管|叩| 300V五(巴西)总裁| 100mA的一(c)|律师- 71 晶体管|晶体管|叩| 60V的五(巴西)总裁| 50mA的一c)|36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 180V五(巴西)总裁| 50mA的一(c)|92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 100mA的一(c)|2VAR
|
Rohm Co., Ltd. Lattice Semiconductor, Corp. Sanyo Electric Co., Ltd.
|
ISL9011IRPPZ-T |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|